Electronic Components Datasheet Search
  English  ▼

X  

SH7785 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 142Page - Renesas Technology Corp SH7785 Datasheet HTML 143Page - Renesas Technology Corp SH7785 Datasheet HTML 144Page - Renesas Technology Corp SH7785 Datasheet HTML 145Page - Renesas Technology Corp SH7785 Datasheet HTML 146Page - Renesas Technology Corp SH7785 Datasheet HTML 147Page - Renesas Technology Corp SH7785 Datasheet HTML 148Page - Renesas Technology Corp SH7785 Datasheet HTML 149Page - Renesas Technology Corp SH7785 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 1692 page
background image
5. Exception Handling
Rev.1.00 Jan. 10, 2008 Page 116 of 1658
REJ09B0261-0100
(11) General FPU Disable Exception
• Source: Decoding of an FPU instruction* not in a delay slot with SR.FD = 1
• Transition address: VBR + H'00000100
• Transition operations:
The PC and SR contents for the instruction at which this exception occurred are saved in SPC
and SSR. The R15 contents at this time are saved in SGR.
Exception code H'800 is set in EXPEVT. The BL, MD, and RB bits are set to 1 in SR, and a
branch is made to PC = VBR + H'0100.
Note: * FPU instructions are instructions in which the first 4 bits of the instruction code are F
(but excluding undefined instruction H'FFFD), and the LDS, STS, LDS.L, and STS.L
instructions corresponding to FPUL and FPSCR.
General_fpu_disable_exception()
{
SPC = PC;
SSR = SR;
SGR = R15;
EXPEVT = H'0000 0800;
SR.MD = 1;
SR.RB = 1;
SR.BL = 1;
PC = VBR + H'0000 0100;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com