Electronic Components Datasheet Search
  English  ▼

X  

SH7785 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 141Page - Renesas Technology Corp SH7785 Datasheet HTML 142Page - Renesas Technology Corp SH7785 Datasheet HTML 143Page - Renesas Technology Corp SH7785 Datasheet HTML 144Page - Renesas Technology Corp SH7785 Datasheet HTML 145Page - Renesas Technology Corp SH7785 Datasheet HTML 146Page - Renesas Technology Corp SH7785 Datasheet HTML 147Page - Renesas Technology Corp SH7785 Datasheet HTML 148Page - Renesas Technology Corp SH7785 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 1692 page
background image
5. Exception Handling
Rev.1.00 Jan. 10, 2008 Page 115 of 1658
REJ09B0261-0100
(10) Slot Illegal Instruction Exception
• Sources:
⎯ Decoding of an undefined instruction in a delay slot
Delayed branch instructions: JMP, JSR, BRA, BRAF, BSR, BSRF, RTS, RTE, BT/S, BF/S
Undefined instruction: H'FFFD
⎯ Decoding of an instruction that modifies PC in a delay slot
Instructions that modify PC: JMP, JSR, BRA, BRAF, BSR, BSRF, RTS, RTE, BT, BF,
BT/S, BF/S, TRAPA, LDC Rm,SR, LDC.L @Rm+,SR, ICBI, PREFI
⎯ Decoding in user mode of a privileged instruction in a delay slot
Privileged instructions: LDC, STC, RTE, LDTLB, SLEEP, but excluding LDC/STC
instructions that access GBR
⎯ Decoding of a PC-relative MOV instruction or MOVA instruction in a delay slot
⎯ The BRDSSLP bit in EXPMASK is 0, and the SLEEP instruction in the delay slot is
executed.
⎯ The RTEDS bit in EXPMASK is 0, and an instruction other than the NOP instruction in the
delay slot is executed.
• Transition address: VBR + H'000 0100
• Transition operations:
The PC contents for the preceding delayed branch instruction are saved in SPC. The SR and
R15 contents when this exception occurred are saved in SSR and SGR.
Exception code H'1A0 is set in EXPEVT. The BL, MD, and RB bits are set to 1 in SR, and a
branch is made to PC = VBR + H'0100. Operation is not guaranteed if an undefined code other
than H'FFFD is decoded.
Slot_illegal_instruction_exception()
{
SPC = PC - 2;
SSR = SR;
SGR = R15;
EXPEVT = H'0000 01A0;
SR.MD = 1;
SR.RB = 1;
SR.BL = 1;
PC = VBR + H'0000 0100;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com