Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 367 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 363Page - Renesas Technology Corp SH7021 Datasheet HTML 364Page - Renesas Technology Corp SH7021 Datasheet HTML 365Page - Renesas Technology Corp SH7021 Datasheet HTML 366Page - Renesas Technology Corp SH7021 Datasheet HTML 367Page - Renesas Technology Corp SH7021 Datasheet HTML 368Page - Renesas Technology Corp SH7021 Datasheet HTML 369Page - Renesas Technology Corp SH7021 Datasheet HTML 370Page - Renesas Technology Corp SH7021 Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 509 page
background image
RENESAS 352
•
Bit 6 (receive data register full (RDRF)): RDRF indicates that RDR contains received data.
Bit 6: RDRF
Description
0
RDR does not contain valid received data (initial value)
RDRF is cleared to 0 when:
• The chip is reset or enters standby mode
• Software reads RDRF after it has been set to 1, then writes 0 in RDRF
• The DMAC reads data from RDR
1
RDR contains valid received data.
RDRF is set to 1 when serial data is received normally and transferred from
RSR to RDR.
Note:
The RDR and RDRF are not affected by detection of receive errors or by clearing of the RE
bit to 0 in the serial control register. They retain their previous contents. If RDRF is still set
to 1 when reception of the next data ends, an overrun error (ORER) occurs and the
received data is lost.
•
Bit 5 (overrun error (ORER)): Indicates that data reception ended abnormally due to an
overrun error.
Bit 5: ORER
Description
0
Receiving is in progress or has ended normally (initial value)*1
ORER is cleared to 0 when:
• The chip is reset or enters standby mode
• Software reads ORER after it has been set to 1, then writes 0 in ORER
1
A receive overrun error occurred*2
ORER is set to 1 if reception of the next serial data ends when RDRF is set to 1
Notes: 1. Clearing the RE bit to 0 in the serial control register does not affect the ORER bit, which
retains its previous value.
2. RDR continues to hold the data received before the overrun error, so subsequent
receive data is lost. Serial receiving cannot continue while ORER is set to 1. In the
clocked synchronous mode, serial transmitting is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com