Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 369 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 365Page - Renesas Technology Corp SH7021 Datasheet HTML 366Page - Renesas Technology Corp SH7021 Datasheet HTML 367Page - Renesas Technology Corp SH7021 Datasheet HTML 368Page - Renesas Technology Corp SH7021 Datasheet HTML 369Page - Renesas Technology Corp SH7021 Datasheet HTML 370Page - Renesas Technology Corp SH7021 Datasheet HTML 371Page - Renesas Technology Corp SH7021 Datasheet HTML 372Page - Renesas Technology Corp SH7021 Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 509 page
background image
RENESAS 354
•
Bit 2 (transmit end (TEND)): TEND indicates that when the last bit of a serial character was
transmitted, the TDR did not contain new transmit data, so transmission has ended. TEND is a
read-only bit and cannot be written.
Bit 2: TEND
Description
0
Transmission is in progress
TEND is cleared to 0 when:
• Software reads TDRE after it has been set to 1, then writing 0 in TDRE
• The DMAC writes data in TDR
1
End of transmission (initial value)
TEND is set to 1 when:
• The chip is reset or enters standby mode
• TE is cleared to 0 in the serial control register (SCR)
• TDRE is 1 when the last bit of a one-byte serial character is transmitted
•
Bit 1 (multiprocessor bit (MPB)): MPB stores the value of the multiprocessor bit in receive
data when a multiprocessor format is selected for receiving in the asynchronous mode. The
MPB is a read-only bit and cannot be written.
Bit 1: MPB
Description
0
Multiprocessor bit value in receive data is 0. If RE is cleared to 0 when a
multiprocessor format is selected, the MPB retains its previous value (initial
value).
1
Multiprocessor bit value in receive data is 1
•
Bit 0 (multiprocessor bit transfer (MPBT)): MPBT stores the value of the multiprocessor bit
added to transmit data when a multiprocessor format is selected for transmitting in the
asynchronous mode. The MPBT setting is ignored in the clocked synchronous mode, when a
multiprocessor format is not selected, or when the SCI is not transmitting.
Bit 0: MPBT
Description
0
Multiprocessor bit value in transmit data is 0 (initial value)
1
Multiprocessor bit value in transmit data is 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com