| Electronic Components Datasheet Search |
|
SH7021 Datasheet(PDF) 113 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7021 Datasheet(HTML) 113 Page - Renesas Technology Corp |
|
113 / 509 page ![]() RENESAS 95 8.1.3 Pin Configuration Table 8.1 shows the BSC pin configuration. Table 8.1 Pin Configuration Name Abbreviation I/O Function Chip select 7–0 CS7–CS0 O Chip select signal that indicates the area being accessed Read RD O Strobe signal that indicates the read cycle High write WRH O Strobe signal that indicates write cycle to upper 8 bits Low write WRL O Strobe signal that indicates write cycle to lower 8 bits Write WR*1 O Strobe signal that indicates write cycle High byte strobe HBS*2 O Strobe signal that indicates access to upper 8 bits Low byte strobe LBS*3 O Strobe signal that indicates access to lower 8 bits Row address strobe RAS O DRAM row address strobe signal High column address strobe CASH O Column address strobe signal for accessing the upper 8 bits of the DRAM Low column address strobe CASL O Column address strobe signal for accessing the lower 8 bits of the DRAM Address hold AH O Signal for holding the address for address/data multiplexing Wait WAIT I Wait state request signal Address bus A21–A0 O Address output Data bus AD15–AD0 I/O Data I/O. During address/data multiplexing, address output and data input/output. Data bus parity high DPH I/O Parity data I/O for upper byte Data bus parity low DPL I/O Parity data I/O for lower byte Notes: 1. Doubles with the WRL pin. (Selected by the BAS bit of the BCR. See section 8.2.1, Bus Control Register, for details. 2. Doubles with the A0 pin. (Selected by the BAS bit of the BCR. See section 8.2.1, Bus Control Register, for details. 3. Doubles with the WRH pin. (Selected by the BAS bit of the BCR. See section 8.2.1, Bus Control Register, for details. 8.1.4 Register Configuration The BSC has ten registers (listed in table 8.2) which control space division, wait states, DRAM interface, and parity check. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |