Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 218Page - Renesas Technology Corp SH7021 Datasheet HTML 219Page - Renesas Technology Corp SH7021 Datasheet HTML 220Page - Renesas Technology Corp SH7021 Datasheet HTML 221Page - Renesas Technology Corp SH7021 Datasheet HTML 222Page - Renesas Technology Corp SH7021 Datasheet HTML 223Page - Renesas Technology Corp SH7021 Datasheet HTML 224Page - Renesas Technology Corp SH7021 Datasheet HTML 225Page - Renesas Technology Corp SH7021 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 509 page
background image
RENESAS 205
CK
DREQ
DACK
Bus
cycle
CPU
CPU
DMAC(R)
DMAC(W)
DMAC(R)
CPU
DMAC(W)
Note:
Dual address DREQ level detection, DACK active low, DACK output in read cycle, 1 bus
cycle = 2 states.
Figure 9.24
DREQ Pin Sampling Timing in Burst Mode
9.3.6
DMA Transfer Ending Conditions
The DMA transfer ending conditions vary for individual channels ending and all channels ending
together.
Individual Channel Ending Conditions: There are two ending conditions. A transfer ends when
the value of the channel's DMA transfer count register (TCR) is 0, or when the DE bit of the
channel's CHCR is cleared to 0.
•
When TCR is 0: When the TCR value becomes 0 and the corresponding channel’s DMA
transfer ends, the transfer end flag bit (TE) is set in the CHCR. If the IE (interrupt enable) bit
has been set, a DMAC interrupt (DEI) is requested to the CPU.
•
When DE of CHCR is 0: Software can halt a DMA transfer by clearing the DE bit in the
channel’s CHCR. The TE bit is not set when this happens.
Conditions for Ending All Channels Simultaneously: Transfers on all channels end when 1) the
NMIF (NMI flag) bit or AE (address error flag) bit is set to 1 in the DMAOR, or 2) when the
DME bit in the DMAOR is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com