Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 263 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 259Page - Renesas Technology Corp SH7021 Datasheet HTML 260Page - Renesas Technology Corp SH7021 Datasheet HTML 261Page - Renesas Technology Corp SH7021 Datasheet HTML 262Page - Renesas Technology Corp SH7021 Datasheet HTML 263Page - Renesas Technology Corp SH7021 Datasheet HTML 264Page - Renesas Technology Corp SH7021 Datasheet HTML 265Page - Renesas Technology Corp SH7021 Datasheet HTML 266Page - Renesas Technology Corp SH7021 Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 509 page
background image
RENESAS 247
•
Free-running count and periodic count
A reset of the counters for channels 0–4 leaves them all in the free-running mode. When a
corresponding bit in the TSTR is set to 1, the corresponding timer counter operates as a free-
running counter and begins to increment. When the count wraps around from H'FFFF–H'0000,
the overflow flag (OVF) in the timer status register (TSR) is set to 1. If the OVIE bit in the
timer’s corresponding interrupt enable register (TIER) is set to 1, the CPU will be asked for an
interrupt. After the TCNT overflows, counting continues from H'0000. Figure 10.15 shows an
example of free-running counting.
Periodic counter operation is obtained for a given channel’s TCNT by selecting compare match
as a TCNT clear source. (Set the GRA or GRB for period setting to output compare register
and select counter clear upon compare match using the CCLR1 and CCLR0 bits of the timer
control register (TCR).) After setting, the TCNT begins incrementing as a periodic counter
when the corresponding bit of TSTR is set to 1. When the count matches GRA or GRB, the
IMFA/IMFB bit in the TSR is set to 1 and the counter is automatically cleared to H'0000. If the
IMIEA/IMIEB bit of the corresponding TIER is set to 1 at this point, the CPU will be asked for
an interrupt. After the compare match, TCNT continues counting from H'0000. Figure 10.16
shows an example of periodic counting.
H'FFFF
H'0000
STR0–STR4
OVF
TCNT value
Time
Figure 10.15 Free-Running Counter Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com