Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 261 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 261 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 257Page - Renesas Technology Corp SH7021 Datasheet HTML 258Page - Renesas Technology Corp SH7021 Datasheet HTML 259Page - Renesas Technology Corp SH7021 Datasheet HTML 260Page - Renesas Technology Corp SH7021 Datasheet HTML 261Page - Renesas Technology Corp SH7021 Datasheet HTML 262Page - Renesas Technology Corp SH7021 Datasheet HTML 263Page - Renesas Technology Corp SH7021 Datasheet HTML 264Page - Renesas Technology Corp SH7021 Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 509 page
background image
RENESAS 245
PWM Mode: In PWM mode, a PWM waveform is output from the TIOCA pin. Output becomes
1 upon compare match A and 0 upon compare match B. GRA and GRB can be set so that the
PWM waveform output has a duty cycle between 0% and 100%. When set for PWM mode, the
GRA and GRB automatically become output compare registers.
Reset-synchronized PWM Mode: Three pairs of positive and negative PWM waveforms can be
obtained using channels 3 and 4 (the three phases of the PWM waveform share a transition point
on one side). When set for reset-synchronized PWM mode, GRA3, GRB3, GRA4, and GRB4
automatically become output compare registers. The TIOCA3, TIOCB3, TIOCA4, TOCXA4,
TIOCB4, and TOCXB4 pins also automatically become PWM output pins and TCNT3 becomes
an upcounter. TCNT4 functions independently (although GRA and GRB are isolated from
TCNT4).
Complementary PWM Mode: Three pairs of complementary positive and negative PWM
waveforms whose positive and negative phases do not overlap can be obtained using channels 3
and 4. When set for complementary PWM mode, GRA3, GRB3, GRA4, and GRB4 automatically
become output compare registers. The TIOCA3, TIOCB3, TIOCA4, TOCXA4, TIOCB4, and
TOCXB4 pins also automatically become PWM output pins while TCNT3 and TCNT4 become
upcounters.
Phase Counting Mode: In phase counting mode, the phase differential between two clocks input
from the TCLKA and TCLKB pins is detected and the TCNT2 operates as an up/downcounter. In
phase counting mode, the TCLKA and TCLKB pins become clock inputs and TCNT2 functions as
an up/downcounter.
Buffer Mode:
•
When GR is an output compare register: The BR value of each channel is transferred to the GR
when a compare match occurs.
•
When GR is an input capture register: The TCNT value is transferred to the GR when an input
capture occurs and simultaneously the value previously stored in the GR is transferred to the
BR.
•
Complementary PWM mode: When the TCNT3 and TCNT4 change count directions, the BR
value is transferred to the GR.
•
Reset-synchronized PWM mode: The BR value is transferred to GR upon a GRA3 compare
match.
10.4.2
Basic Functions
Counter Operation: When a start bit (STR0–STR4) in the timer start register (TSTR) is set to 1,
the corresponding timer counter (TCNT) starts counting. There are two counting modes: a free-
running mode and a periodic mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com