Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 257 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 253Page - Renesas Technology Corp SH7021 Datasheet HTML 254Page - Renesas Technology Corp SH7021 Datasheet HTML 255Page - Renesas Technology Corp SH7021 Datasheet HTML 256Page - Renesas Technology Corp SH7021 Datasheet HTML 257Page - Renesas Technology Corp SH7021 Datasheet HTML 258Page - Renesas Technology Corp SH7021 Datasheet HTML 259Page - Renesas Technology Corp SH7021 Datasheet HTML 260Page - Renesas Technology Corp SH7021 Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 509 page
background image
RENESAS 241
Bit:
7
6
5
4
3
2
1
0
Bit name:
——
——
—
OVIE
IMIEB
IMIEA
Initial value:
*
1
1
1
1
0
0
0
R/W:
——
——
—
R/W
R/W
R/W
Note:
Undefined
•
Bits 7–3 (reserved): Bit 7 is read as undefined. Bits 6–3 are always read as 1. The write value
to bit 7 should be 0 or 1. The write value to bits 6–3 should always be 1.
•
Bit 2 (overflow interrupt enable (OVIE)): When the TSR overflow flag (OVF) is set to 1,
OVIE enables or disables interrupt requests from the OVF.
Bit 2: OVIE
Description
0
Disables interrupt requests by the OVF (initial value)
1
Enables interrupt requests from the OVF
•
Bit 1 (input capture/compare match interrupt enable B (IMIEB)): When the IMFB bit of the
TSR is set to 1, IMIEB enables or disables the interrupt requests from the IMFB.
Bit 1: IMIEB
Description
0
Disables interrupt requests by the IMFB (IMIB) (initial value)
1
Enables interrupt requests from the IMFB (IMIB)
•
Bit 0 (input capture/compare match interrupt enable A (IMIEA)): When the IMFA bit of the
TSR is set to 1, IMIEA enables or disables the interrupt requests from the IMFA.
Bit 0: IMIEA
Description
0
Disables interrupt requests by the IMFA (IMIA) (initial value)
1
Enables interrupt requests from the IMFA (IMIA)
10.3
CPU Interface
10.3.1
16-Bit Accessible Registers
The timer counters (TCNT), general registers A and B (GRA, GRB), and buffer registers A and B
(BRA, BRB) are 16-bit registers. The SH CPU can access these registers a word at a time using a
16-bit data bus. Byte access is also possible. Read and write operations performed on the TCNT in
word units are shown in figures 10.6 and 10.7. Byte-unit read and write operations on TCNTH and
TCNTL are shown in figures 10.8–10.11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com