Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 255 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 251Page - Renesas Technology Corp SH7021 Datasheet HTML 252Page - Renesas Technology Corp SH7021 Datasheet HTML 253Page - Renesas Technology Corp SH7021 Datasheet HTML 254Page - Renesas Technology Corp SH7021 Datasheet HTML 255Page - Renesas Technology Corp SH7021 Datasheet HTML 256Page - Renesas Technology Corp SH7021 Datasheet HTML 257Page - Renesas Technology Corp SH7021 Datasheet HTML 258Page - Renesas Technology Corp SH7021 Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 509 page
background image
RENESAS 239
10.2.11
Timer Status Register (TSR)
The timer status register (TSR) is an eight-bit read/write register containing flags that indicate
timer counter (TCNT) overflow/underflow and general register (GRA/GRB) compare match or
input capture. These flags are interrupt sources. If the interrupt is enabled by the corresponding bit
in the timer interrupt enable register (TIER), an interrupt is requested of the CPU. TSR is
initialized by a reset or standby mode to H'F8 or H'78. Each ITU channel has one TSR (table
10.9).
Table 10.9
Timer Status Register (TSR)
Channel
Abbreviation
Function
0
TSR0
The TSR indicates input capture, compare match and
1
TSR1
overflow status.
2
TSR2
3
TSR3
4
TSR4
Bit:
7
6
5
4
3
2
1
0
Bit name:
——
——
—
OVF
IMFB
IMFA
Initial value:
*1
11
11
0
0
0
R/W:
——
——
—
R/(W)*2
R/(W)*2 R/(W)*2
Notes: 1. Undefined
2. Write 0 to clear the flag.
•
Bits 7–3 (reserved): Bit 7 is read as undefined. Bits 6–3 are always read as 1. The write value
to bit 7 should be 0 or 1. The write value to bits 6–3 should always be 1.
•
Bit 2 (overflow flag (OVF)): OVF indicates a TCNT overflow/underflow has occurred.
Bit 2: OVF
Description
0
Clearing condition: Read OVF when OVF = 1, then write 0 in OVF
(initial value)
1
Setting condition: TCNT overflowed from H'FFFF–H'0000 or
underflowed from H'0000–H'FFFF.
Note:
A TCNT underflow occurs when the TCNT up/down counter is functioning. It may occur in
the following cases: (1) When channel 2 is set in the phase counting mode (MDF bit of
TMDR is 1), or (2) When channel 3 and 4 are set to the complementary PWM mode (CMD1
bit of TFCR is 1 and CMD0 bit is 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com