Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 248Page - Renesas Technology Corp SH7021 Datasheet HTML 249Page - Renesas Technology Corp SH7021 Datasheet HTML 250Page - Renesas Technology Corp SH7021 Datasheet HTML 251Page - Renesas Technology Corp SH7021 Datasheet HTML 252Page - Renesas Technology Corp SH7021 Datasheet HTML 253Page - Renesas Technology Corp SH7021 Datasheet HTML 254Page - Renesas Technology Corp SH7021 Datasheet HTML 255Page - Renesas Technology Corp SH7021 Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 509 page
background image
236 RENESAS
Bit:
7
6
5
4
3
2
1
0
Bit name:
—
CCLR1
CCLR0
CKEG1
CKEG0
TPSC2
TPSC1
TPSC0
Initial value:
*
0
0
0
0
0
0
0
R/W:
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Note:
Undefined
•
Bit 7 (reserved): Bit 7 is read as undefined. The write value should be 0 or 1.
•
Bits 6 and 5 (counter clear 1 and 0 (CCLR1 and CCLR0)): CCLR1 and CCLR0 select the
counter clear source.
Bit 6:
CCLR1
Bit 5:
CCLR0 Description
0
0
TCNT is not cleared (initial value)
1
TCNT is cleared by general register A (GRA) compare match or input capture*1
1
0
TCNT is cleared by general register B (GRB) compare match or input capture*1
1
Synchronizing clear: TCNT is cleared in synchronization with clear of other
timer counters operating in sync.*2
Notes: 1. When GR is functioning as an output compare register, TCNT is cleared upon a
compare match. When functioning as an input capture register, TCNT is cleared upon
input capture.
2. The timer synchro register (TSNC) set the synchronization.
•
Bits 4 and 3 (external clock edge 1/0 (CKEG1 and CKEG0)): CKEG1 and CKEG0 select
external clock input edges. When channel 2 is set for phase counting mode, settings of the
CKEG1 and CKEG0 of the TCR are ignored and the phase counting mode operation takes
priority.
Bit 4:
CKEG
1
Bit 3:
CKEG
0
Description
0
0
Count rising edges (initial value)
1
Count falling edges
1
—
Count both rising and falling edges
•
Bits 2–0 (timer prescalar 2–0 (TPS2–TPS0)): TPS2–TPS0 select the counter clock source.
When TPSC2 = 0 and an internal clock source is selected, the timer counts only falling edges.
When TPSC2 = 1 and an external clock is selected, the count edge is as set by CKEG1 and
CKEG0. When the phase counting mode is selected for channel 2 (MDF bit in the timer mode
register is 1), the settings of TPSC2–TPSC0 of TCR2 are ignored and the phase counting
operation takes priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com