Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 250Page - Renesas Technology Corp SH7021 Datasheet HTML 251Page - Renesas Technology Corp SH7021 Datasheet HTML 252Page - Renesas Technology Corp SH7021 Datasheet HTML 253Page - Renesas Technology Corp SH7021 Datasheet HTML 254Page - Renesas Technology Corp SH7021 Datasheet HTML 255Page - Renesas Technology Corp SH7021 Datasheet HTML 256Page - Renesas Technology Corp SH7021 Datasheet HTML 257Page - Renesas Technology Corp SH7021 Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 509 page
background image
238 RENESAS
•
Bits 6–4 (I/O control B2–B0 (IOB2–IOB0)): IOB2–IOB0 selects the GRB function.
Bit 6:
IOB2
Bit 5:
IOB1
Bit 4:
IOB0
GRB Function
0
0
0
GRB is an
Compare match with pin output disabled (initial value)
1
output compare
0 output at GRB compare match*1
10
register
1 output at GRB compare match*1
1
Output toggles at GRB compare match (1 output for
channel 2 only)*1,*2
1
0
0
GRB is an
GRB captures rising edge of input
1
input capture
GRB captures falling edge of input
10
register
GRB captures both edges of input
1
Notes: 1. After reset, the value output is 0 until the first compare match occurs.
2. Channel 2 has no compare-match driven toggle output function. If it is set for toggle, 1
is automatically selected as the output.
•
Bit 3 (reserved): Bit 3 always reads as 1. The write value should always be 1.
•
Bits 2–0 (I/O control A2–A0 (IOA2–IOA0)): IOA2–IOA0 select the GRB function.
Bit 2:
IOA2
Bit 1:
IOA1
Bit 0:
IOA0
GRA Function
0
0
0
GRA is an
Compare match with pin output disabled (initial value)
1
output compare
0 output at GRA compare match*1
10
register
1 output at GRA compare match*1
1
Output toggles at GRA compare match (1 output for
channel 2 only)*1,*2
1
0
0
GRA is an
GRA captures rising edge of input
1
input capture
GRA captures falling edge of input
10
register
GRA captures both edges of input
1
Notes: 1. After reset, the value output is 0 until the first compare match occurs.
2. Channel 2 has no compare-match driven toggle output function. If it is set for toggle, 1
is automatically selected as the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com