Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 252Page - Renesas Technology Corp SH7021 Datasheet HTML 253Page - Renesas Technology Corp SH7021 Datasheet HTML 254Page - Renesas Technology Corp SH7021 Datasheet HTML 255Page - Renesas Technology Corp SH7021 Datasheet HTML 256Page - Renesas Technology Corp SH7021 Datasheet HTML 257Page - Renesas Technology Corp SH7021 Datasheet HTML 258Page - Renesas Technology Corp SH7021 Datasheet HTML 259Page - Renesas Technology Corp SH7021 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 509 page
background image
240 RENESAS
•
Bit 1 (input capture/compare match B (IMFB)): IMFB indicates a GRB compare match or
input capture.
Bit 1: IMFB
Description
0
Clearing condition: Read IMFB when IMFB = 1, then write 0 in IMFB
(initial value)
1
Setting condition:
• GRB is functioning as an output compare register and TCNT = GRB
• GRB is functioning as an input capture register and the value of
TCNT is transferred to GRB by an input capture signal
•
Bit 0 (input capture/compare match A (IMFA)): IMFA indicates a GRA compare match or
input capture.
Bit 0: IMFA
Description
0
Read IMFA when IMFA = 1, then write 0 in IMFA (initial value).
Clearing condition: DMAC is activated by an IMIA interrupt (only
channels 0–3)
1
Setting condition:
• GRA is functions as an output compare register and TCNT = GRA
• GRA is functioning as an input capture register and the value of
TCNT is transferred to GRA by an input capture signal
10.2.12
Timer Interrupt Enable Register (TIER)
The timer status interrupt enable register (TIER) is an eight-bit read/write register that controls
enabling/disabling of overflow interrupt requests and general register compare match/input capture
interrupt requests. TIER is initialized by a reset or standby mode to H'F8 or H'78. Each ITU
channel has one TIER (table 10.10).
Table 10.10 Timer Interrupt Enable Register (TIER)
Channel
Abbreviation
Function
0
TIER0
The TIER controls interrupt enable/disable.
1
TIER1
2
TIER2
3
TIER3
4
TIER4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com