Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 249Page - Renesas Technology Corp SH7021 Datasheet HTML 250Page - Renesas Technology Corp SH7021 Datasheet HTML 251Page - Renesas Technology Corp SH7021 Datasheet HTML 252Page - Renesas Technology Corp SH7021 Datasheet HTML 253Page - Renesas Technology Corp SH7021 Datasheet HTML 254Page - Renesas Technology Corp SH7021 Datasheet HTML 255Page - Renesas Technology Corp SH7021 Datasheet HTML 256Page - Renesas Technology Corp SH7021 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 509 page
background image
RENESAS 237
Bit 2:
TPSC2
Bit 1:
TPSC1
Bit 0:
TPSC0 Counter Clock (and cycle when
φ = 10 MHz)
0
0
0
Internal clock
φ (initial value)
1
Internal clock
φ/2
1
0
Internal clock
φ/4
1
Internal clock
φ/8
1
0
0
External clock A (TCLKA)
1
External clock B (TCLKB)
1
0
External clock C (TCLKC)
1
External clock D (TCLKD)
10.2.10
Timer I/O Control Register (TIOR)
The timer I/O control register (TIOR) is an eight-bit read/write register that selects the output
compare or input capture function for the general registers GRA and GRB. It also selects the
function of the TIOCA and TIOCB pins. If output compare is selected, the TIOR also selects the
output settings. If input capture is selected, the TIOR also select the input capture edges. TIOR is
initialized to H'88 or H'08 on a reset or standby mode. Each ITU channel has one TIOR (table
10.8).
Table 10.8
Timer I/O Control Register (TIOR)
Channel
Abbre-
viation
Function
0
TIOR0
The TIOR controls the GRs. Some functions vary during PWM. When
1
TIOR1
channels 3 and 4 are set for complementary PWM mode/reset-synchronized
2
TIOR2
PWM mode, TIOR3 and TIOR4 settings are not valid.
3
TIOR3
4
TIOR4
Bit:
7
6
5
4
3
2
1
0
Bit name:
—
IOB2
IOB1
IOB0
—
IOA2
IOA1
IOA0
Initial value:
*
0
0
0
1
0
0
0
R/W:
—
R/W
R/W
R/W
—
R/W
R/W
R/W
Note:
Undefined
•
Bit 7 (reserved): Bit 7 is read as undefined. The write value should be 0 or 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com