Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 249 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 249 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 245Page - Renesas Technology Corp SH7021 Datasheet HTML 246Page - Renesas Technology Corp SH7021 Datasheet HTML 247Page - Renesas Technology Corp SH7021 Datasheet HTML 248Page - Renesas Technology Corp SH7021 Datasheet HTML 249Page - Renesas Technology Corp SH7021 Datasheet HTML 250Page - Renesas Technology Corp SH7021 Datasheet HTML 251Page - Renesas Technology Corp SH7021 Datasheet HTML 252Page - Renesas Technology Corp SH7021 Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 509 page
background image
RENESAS 233
Table 10.4
Timer Counters (TCNT)
Channel
Abbreviation
Function
0
TCNT0
Increment counter
1
TCNT1
2
TCNT2
Phase counting mode: Increment/decrement
All others: Increment
3
TCNT3
Complementary PWM mode: Increment/decrement
4
TCNT4
All others: Increment
Bit:
15
14
13
12
11
10
9
8
Bit name:
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
10.2.7
General Registers A and B (GRA and GRB)
Each of the five ITU channels has two 16-bit general registers (GR) for a total of ten registers
(table 10.5).
Each GR is a 16-bit read/write register that can function as either an output compare register or an
input capture register. The function is selected by settings in the timer I/O control register (TIOR).
When a general register (GRA/GRB) is used as an output compare register, its value is constantly
compared with the timer counter (TCNT) value. When the two values match (compare match), the
IMFA/IMFB bit is set to 1 in the timer status register (TSR). If compare match output is selected
in the TIOR, a specified value is output at the output compare pin.
When a general register is used as an input capture register, an external input capture signal is
detected and the TCNT value is stored. The IMFA/IMFB bit of the corresponding TSR is set to 1
at the same time. The valid edge or edges of the input capture signal are selected in the TIOR. The
TIOR setting is ignored when set for the PWM mode, complementary PWM mode or reset-
synchronized PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com