Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 241Page - Renesas Technology Corp SH7021 Datasheet HTML 242Page - Renesas Technology Corp SH7021 Datasheet HTML 243Page - Renesas Technology Corp SH7021 Datasheet HTML 244Page - Renesas Technology Corp SH7021 Datasheet HTML 245Page - Renesas Technology Corp SH7021 Datasheet HTML 246Page - Renesas Technology Corp SH7021 Datasheet HTML 247Page - Renesas Technology Corp SH7021 Datasheet HTML 248Page - Renesas Technology Corp SH7021 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 509 page
background image
RENESAS 229
•
Bit 3 (PWM Mode 3 (PWM3)): PWM3 selects the PWM mode for channel 3. When the
PWM3 bit is set to 1 and the PWM mode entered, the TIOCA3 pin becomes a PWM output
pin. 1 is output on a compare match of general register A3 (GRA3); 0 is output on a compare
match of general register B3 (GRB3). When the complementary PWM mode or reset-
synchronized PWM mode are set by the CMD1 and CMD0 bits of the timer function control
register (TFCR), the setting of this bit is ignored in favor of the settings of CMD1 and CMD0.
Bit 3: PWM3
Description
0
Channel 3 operates normally (initial value)
1
Channel 3 operates in PWM mode
•
Bit 2 (PWM Mode 2 (PWM2)): PWM2 selects the PWM mode for channel 2. When the
PWM2 bit is set to 1 and the PWM mode entered, the TIOCA2 pin becomes a PWM output
pin. 1 is output on a compare match of general register A2 (GRA2); 0 is output on a compare
match of general register B2 (GRB2).
Bit 2: PWM2
Description
0
Channel 2 operates normally (initial value)
1
Channel 2 operates in PWM mode
•
Bit 1 (PWM Mode 1 (PWM1)): PWM1 selects the PWM mode for channel 1. When the
PWM1 bit is set to 1 and the PWM mode entered, the TIOCA1 pin becomes a PWM output
pin. 1 is output on a compare match of general register A1 (GRA1); 0 is output on a compare
match of general register B1 (GRB1).
Bit 1: PWM1
Description
0
Channel 1 operates normally (initial value)
1
Channel 1 operates in PWM mode
•
Bit 0 (PWM Mode 0 (PWM0)): PWM0 selects the PWM mode for channel 0. When the
PWM0 bit is set to 1 and the PWM mode entered, the TIOCA0 pin becomes a PWM output
pin. 1 is output on a compare match of general register A0 (GRA0); 0 is output on a compare
match of general register B0 (GRB0).
Bit 0: PWM0
Description
0
Channel 0 operates normally (initial value)
1
Channel 0 operates in PWM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com