Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 238Page - Renesas Technology Corp SH7021 Datasheet HTML 239Page - Renesas Technology Corp SH7021 Datasheet HTML 240Page - Renesas Technology Corp SH7021 Datasheet HTML 241Page - Renesas Technology Corp SH7021 Datasheet HTML 242Page - Renesas Technology Corp SH7021 Datasheet HTML 243Page - Renesas Technology Corp SH7021 Datasheet HTML 244Page - Renesas Technology Corp SH7021 Datasheet HTML 245Page - Renesas Technology Corp SH7021 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 509 page
background image
226 RENESAS
10.2.2
Timer Synchro Register (TSNC)
The timer synchro register (TSNC) is an eight-bit read/write register that selects timer
synchronizing modes for channels 0–4. Channels for which 1 is set to the corresponding bit will be
synchronized. TSNC is initialized to H'E0 or H'60 upon reset or standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
——
—
SYNC4
SYNC3
SYNC2
SYNC1
SYNC0
Initial value:
*
1
1
0
0
0
0
0
R/W:
——
—
R/W
R/W
R/W
R/W
R/W
Note:
Undefined
•
Bits 7–5 (reserved): Bit 7 is read as undefined. Bits 6 and 5 are always read as 1. The write
value to bit 7 should be 0 or 1, and the write value to bits 6 and 5 should always be 1.
•
Bit 4 (timer synchro 4 (SYNC4)): SYNC4 selects the synchronizing mode for channel 4.
Bit 4: SYNC4
Description
0
The timer counter for channel 4 (TCNT4) operates independently
(Preset/clear of TCNT4 is independent of other channels) (initial value)
1
Channel 4 operates synchronously. Synchronized preset/clear of
TNCT4 enabled.
•
Bit 3 (timer Synchro 3 (SYNC3)): SYNC3 selects the synchronizing mode for channel 3.
Bit 3: SYNC3
Description
0
The timer counter for channel 3 (TCNT3) operates independently
(Preset/clear of TCNT3 is independent of other channels) (initial value)
1
Channel 3 operates synchronously. Synchronized preset/clear of
TNCT3 enabled.
•
Bit 2 (timer synchro 2 (SYNC2)): SYNC2 selects the synchronizing mode for channel 2.
Bit 2: SYNC2
Description
0
The timer counter for channel 2 (TCNT2) operates independently
(Preset/clear of TCNT2 is independent of other channels) (initial value)
1
Channel 2 operates synchronously. Synchronized preset/clear of
TNCT2 enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com