Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 239Page - Renesas Technology Corp SH7021 Datasheet HTML 240Page - Renesas Technology Corp SH7021 Datasheet HTML 241Page - Renesas Technology Corp SH7021 Datasheet HTML 242Page - Renesas Technology Corp SH7021 Datasheet HTML 243Page - Renesas Technology Corp SH7021 Datasheet HTML 244Page - Renesas Technology Corp SH7021 Datasheet HTML 245Page - Renesas Technology Corp SH7021 Datasheet HTML 246Page - Renesas Technology Corp SH7021 Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 509 page
background image
RENESAS 227
•
Bit 1 (timer synchro 1 (SYNC1)): SYNC1 selects the synchronizing mode for channel 1.
Bit 1: SYNC1
Description
0
The timer counter for channel 1 (TCNT1) operates independently
(Preset/clear of TCNT1 is independent of other channels) (initial value)
1
Channel 1 operates synchronously. Synchronized preset/clear of
TNCT1 enabled.
•
Bit 0 (timer synchro 0 (SYNC0)): SYNC0 selects the synchronizing mode for channel 0.
Bit 0: SYNC0
Description
0
The timer counter for channel 0 (TCNT0) operates independently
(Preset/clear of TCNT0 is independent of other channels) (initial value)
1
Channel 0 operates synchronously. Synchronized preset/clear of
TNCT0 enabled.
10.2.3
Timer Mode Register (TMDR)
The timer mode register (TMDR) is an eight-bit read/write register that selects the PWM mode for
channels 0–4, sets the phase counting mode for channel 2, and sets the conditions for the overflow
flag (OVF). TMDR is initialized to H'80 or H'00 by a reset or the standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
—
MDF
FDIR
PWM4
PWM3
PWM2
PWM1
PWM0
Initial value:
*
0
0
0
0
0
0
0
R/W:
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Note:
Undefined
•
Bit 7 (reserved): Bit 7 is read as undefined. The write value should be 0 or 1.
•
Bit 6 (phase counting mode (MDF)): MDF selects the phase counting mode for channel 2.
Bit 6: MDF
Description
0
Channel 2 operates normally (initial value)
1
Channel 2 operates in phase counting mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com