Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 243Page - Renesas Technology Corp SH7021 Datasheet HTML 244Page - Renesas Technology Corp SH7021 Datasheet HTML 245Page - Renesas Technology Corp SH7021 Datasheet HTML 246Page - Renesas Technology Corp SH7021 Datasheet HTML 247Page - Renesas Technology Corp SH7021 Datasheet HTML 248Page - Renesas Technology Corp SH7021 Datasheet HTML 249Page - Renesas Technology Corp SH7021 Datasheet HTML 250Page - Renesas Technology Corp SH7021 Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 509 page
background image
RENESAS 231
•
Bit 2 (buffer mode A4 (BFA4)): BFA4 selects the buffer mode for GRA4 and BRA4 in
channel 4.
Bit 2: BFA4
Description
0
GRA4 operates normally in channel 4 (initial value)
1
GRA4 and BRA4 operate in buffer mode in channel 4
•
Bit 1 (buffer mode B3 (BFB3)): BFB3 selects the buffer mode for GRB3 and BRB3 in channel
3.
Bit 1: BFB3
Description
0
GRB3 operates normally in channel 3 (initial value)
1
GRB3 and BRB3 operate in buffer mode in channel 3
•
Bit 0 (buffer Mode A3 (BFA3)): BFA3 selects the buffer mode for GRA3 and BRA3 in
channel 3.
Bit 0: BFA3
Description
0
GRA3 operates normally in channel 3 (initial value)
1
GRA3 and BRA3 operate in buffer mode in channel 3
10.2.5
Timer Output Control Register (TOCR)
The timer output control register (TOCR) is an eight-bit read/write register that inverts the output
level of the complementary PWM mode/reset-synchronized PWM mode. Setting bits OLS3 and
OLS4 is valid in only the complementary PWM mode and reset-synchronized PWM mode. In
other output situations, these bits are ignored. The TOCR is initialized to H'FF or H'7F by a reset
or in the standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
——
——
——
OLS4
OLS3
Initial value:
*
1
1
1
1
1
1
1
R/W:
——
——
——
R/W
R/W
Note:
Undefined
•
Bits 7–2 (reserved): Bit 7 is read as undefined. Bits 6–2 are always read as 1. The write value
to bit 7 should be 0 or 1. The write value to bits 6–2 should always be 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com