Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 248 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 248 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 244Page - Renesas Technology Corp SH7021 Datasheet HTML 245Page - Renesas Technology Corp SH7021 Datasheet HTML 246Page - Renesas Technology Corp SH7021 Datasheet HTML 247Page - Renesas Technology Corp SH7021 Datasheet HTML 248Page - Renesas Technology Corp SH7021 Datasheet HTML 249Page - Renesas Technology Corp SH7021 Datasheet HTML 250Page - Renesas Technology Corp SH7021 Datasheet HTML 251Page - Renesas Technology Corp SH7021 Datasheet HTML 252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 509 page
background image
232 RENESAS
•
Bit 1 (output level select 4 (OLS4)): OLS4 selects the output level of the complementary PWM
mode or reset-synchronized PWM mode.
Bit 1: OLS4
Description
0
TIOCA3, TIOCA4, and TIOCB4 are inverted and output
1
TIOCA3, TIOCA4, and TIOCB4 are output directly (initial value)
•
Bit 0 (output level select 3 (OLS3)): OLS3 selects the output level of the complementary PWM
mode or reset-synchronized PWM mode.
Bit 0: OLS3
Description
0
TIOCB3, TOCXA4, and TOCXB4 are inverted and output
1
TIOCB3, TOCXA4, and TOCXB4 are output directly (initial value)
10.2.6
Timer Counters (TCNT)
The ITU has five 16-bit timer counters (TCNT), one for each channel (table 10.4).
Each TCNT is a 16-bit read/write counter that counts by input from a clock source. The clock
source is selected by timer prescalar bits 2–0 (TPSC2–TPSC0) in the timer control register (TCR).
TCNT0 and TCNT 1 are strictly upcounters. Up/down counting occurs for TCNT2 when the phase
counting mode is selected, or for TCNT3 and TCNT 4 when complementary PWM mode is
selected. In other modes, they are upcounters.
The TCNT can be cleared to H'0000 by compare match with the corresponding general register A
or B (GRA, GRB) or input capture to GRA or GRB (counter clear function).
When the TCNT overflows (changes from H'FFFF–H'0000), the overflow flag (OVF) in the timer
status register (TSR) is set to 1. The OVF of the corresponding channel TSR is also set to 1 when
the TCNT underflows (changes from H'0000–H'FFFF).
The TCNT is connected to the CPU by a 16-bit bus, so it can be written or read by either word
access or byte access. The TCNT is initialized to H'0000 by a reset or in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com