Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 250 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 250 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 246Page - Renesas Technology Corp SH7021 Datasheet HTML 247Page - Renesas Technology Corp SH7021 Datasheet HTML 248Page - Renesas Technology Corp SH7021 Datasheet HTML 249Page - Renesas Technology Corp SH7021 Datasheet HTML 250Page - Renesas Technology Corp SH7021 Datasheet HTML 251Page - Renesas Technology Corp SH7021 Datasheet HTML 252Page - Renesas Technology Corp SH7021 Datasheet HTML 253Page - Renesas Technology Corp SH7021 Datasheet HTML 254Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 509 page
background image
234 RENESAS
General registers are connected to the CPU by a 16-bit bus, so general registers can be written or
read by either word access or byte access. General registers are initialized to the output compare
register (no pin output) by a reset or in standby mode. The initial value is H'FFFF.
Table 10.5
General Registers A and B (GRA and GRB)
Channel
Abbreviation
Function
0
GRA0, GRB0
Output compare/input capture dual register
1
GRA1, GRB1
2
GRA2, GRB2
3
GRA3, GRB3
Output compare/input capture dual register. Can also be set for
4
GRA4, GRB4
buffer operation in combination with the buffer registers (BRA, BRB)
Bit:
15
14
13
12
11
10
9
8
Bit name:
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
10.2.8
Buffer Registers A and B (BRA, BRB)
Each buffer register is a 16-bit read/write register that is used in the buffer mode. The ITU has
four buffer registers, two each for channels 3 and 4 (table 10.6). Buffer operation can be set
independently by the timer function control register (TFCR) bits BFB4, BFA4, BFB3, and BFB3
bits. The buffer registers are paired with the general registers and their function changes
automatically to match the function of its corresponding general register.
The buffer registers are connected to the CPU by a 16-bit bus, so they can be written or read by
either word or byte access. Buffer registers are initialized to H'FFFF by a reset or in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com