Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 300 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 300 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 296Page - Renesas Technology Corp SH7021 Datasheet HTML 297Page - Renesas Technology Corp SH7021 Datasheet HTML 298Page - Renesas Technology Corp SH7021 Datasheet HTML 299Page - Renesas Technology Corp SH7021 Datasheet HTML 300Page - Renesas Technology Corp SH7021 Datasheet HTML 301Page - Renesas Technology Corp SH7021 Datasheet HTML 302Page - Renesas Technology Corp SH7021 Datasheet HTML 303Page - Renesas Technology Corp SH7021 Datasheet HTML 304Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 509 page
background image
284 RENESAS
10.5.3
Interrupt Sources and Activating the DMAC
The ITU has compare match/input capture A interrupts, compare match/input capture B interrupts
and overflow interrupts for each channel. Each of the fifteen of these three types of interrupts are
allocated their own independently vectored addresses. When the interrupt’s interrupt request flag
is set to 1 and the interrupt enable bit is set to 1, the interrupt is requested.
The channel priority order can be changed with the interrupt controller. For more information, see
section 5, Interrupt Controller. The compare match/input capture A interrupts of channels 0–3 can
start the DMAC to transfer data. Table 10.17 lists the interrupt sources.
Table 10.17 ITU Interrupt Sources
Channel
Interrupt
Source
Description
DMAC
Activation
Priority
Order*
0
IMIA0
Compare match or input capture A0
Yes
High
IMIB0
Compare match or input capture B0
No
↑
OVI0
Overflow 0
No
1
IMIA1
Compare match or input capture A1
Yes
IMIB1
Compare match or input capture B1
No
OVI1
Overflow 1
No
2
IMIA2
Compare match or input capture A2
Yes
IMIB2
Compare match or input capture B2
No
OVI2
Overflow 2
No
3
IMIA3
Compare match or input capture A3
Yes
IMIB3
Compare match or input capture B3
No
OVI3
Overflow 3
No
4
IMIA4
Compare match or input capture A4
No
IMIB4
Compare match or input capture B4
No
↓
OVI4
Overflow 4
No
Low
Note:
Indicates the initial status following reset. The ranking of channels can be altered using the
interrupt controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com