| Electronic Components Datasheet Search |
|
SH7021 Datasheet(PDF) 318 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7021 Datasheet(HTML) 318 Page - Renesas Technology Corp |
|
318 / 509 page ![]() 302 RENESAS Table 10.22 ITU Operating Modes (Channel 4) (cont) Counter Clear Function Register Setting TSNC TMDR TFCR TOCR TIOR4 TCR4 Operating Mode Sync MDF FDIR PWM Comp PWM Reset Sync PWM Buf- fer Output Level Select IOA IOB Clear Select Clock Select Synch- ronized clear SYNC4 = 1 —— √ CMD1 = 1, CMD1 = 0 inhibit ed √*3 √ — √√ CCLR1 = 1 CCLR0 = 1 √ Comple- mentary PWM √*2 ——— CMD1 = 1 CMD0 = 0 CMD1 = 1 CMD0 = 0 √√ —— CCLR1 = 0 CCLR0 = 0 √*4 Reset synchron- ized PWM √ ——— CMD1 = 1 CMD0 = 1 CMD1 = 1 CMD0 = 1 √√ —— √*5 √*5 Buffer (BRA) √ —— √√ √ BFA4 = 1, others free — √√ √ √ Buffer (BRB) √ —— √√ √ BFB4 = 1, others free — √√ √ √ √: Settable, —: Setting does not affect current mode Notes: 1. In PWM mode, the input capture function cannot be used. When compare match A and compare match B occur simultaneously, the compare match signal is inhibited. 2. When set for complementary PWM mode, do not simultaneously set channel 3 and channel 4 to function synchronously. 3. Counter clearing works with the reset-synchronized PWM mode, but TCNT4 runs independently. The output waveform is not affected. 4. Clock selection when the complementary PWM mode is set should be the same for channels 3 and 4. 5. In the reset-synchronized PWM mode, TCNT4 runs independently. The output waveform is not affected. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |