Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 319 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 319 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 315Page - Renesas Technology Corp SH7021 Datasheet HTML 316Page - Renesas Technology Corp SH7021 Datasheet HTML 317Page - Renesas Technology Corp SH7021 Datasheet HTML 318Page - Renesas Technology Corp SH7021 Datasheet HTML 319Page - Renesas Technology Corp SH7021 Datasheet HTML 320Page - Renesas Technology Corp SH7021 Datasheet HTML 321Page - Renesas Technology Corp SH7021 Datasheet HTML 322Page - Renesas Technology Corp SH7021 Datasheet HTML 323Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 509 page
background image
RENESAS 303
Section 11 Programmable Timing Pattern Controller (TPC)
11.1
Overview
The SuperH microcomputer has a built-in programmable timing pattern controller (TPC). The
TPC can provide pulse outputs by using the 16-bit integrated-timer pulse unit (ITU) as a time
base. The TPC pulse outputs are divided into 4-bit groups 3–0. These can operate simultaneously,
or independently.
11.1.1
Features
Features of the programmable timing pattern controller are listed below.
•
16-bit output data: Maximum 16-bit data can be output. TPC output can be enabled on a bit-
by-bit basis.
•
Four output groups: Output trigger signals can be selected in 4-bit groups to provide up to four
different 4-bit outputs.
•
Selectable output trigger signals: Output trigger signals can be selected by group from the
•
4-channel compare-match signals of the 16-bit integrated-timer pulse unit (ITU).
•
Non-overlap mode: A non-overlap interval can be set to come between multiple pulse outputs.
•
Can connect to DMA controller: The compare-match signals selected as output trigger signals
can activate the DMA controller for sequential output of data without CPU intervention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com