| Electronic Components Datasheet Search |
|
SH7021 Datasheet(PDF) 322 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7021 Datasheet(HTML) 322 Page - Renesas Technology Corp |
|
322 / 509 page ![]() 306 RENESAS 11.1.4 Registers Table 11.2 summarizes the TPC registers. Table 11.2 TPC Registers Name Abbreviation R/W Initial Value Address*1 Access Size` Port B control register 1 PBCR1 R/W H'0000 H'5FFFFCC 8, 16 Port B control register 2 PBCR2 R/W H'0000 H'5FFFFCE 8, 16 Port B data register PBDR R/(W)*2 H'0000 H'5FFFFC2 8, 16 TPC output mode register TPMR R/W H'F0 H'5FFFFF0 8, 16 TPC output control register TPCR R/W H'FF H'5FFFFF1 8, 16 Next data enable register B NDERB R/W H'00 H'5FFFFF2 8, 16 Next data enable register A NDERA R/W H'00 H'5FFFFF3 8, 16 Next data register A NDRA R/W H'00 H'5FFFFF5/ H'5FFFFF7*3 8, 16 Next data register B NDRB R/W H'00 H'5FFFFF4/ H'5FFFFF6*3 8, 16 Notes: 1. Only the values of bits A27–A24 and A8–A0 are valid; bits A23–A9 are ignored. For details on the register addresses, see section 8.3.5, Description of Areas. 2. Bits used for TPC output cannot be written to. 3. These addresses change depending on TPCR settings. When TPC output groups 0 and 1 have the same output trigger, the NDRA address is H'5FFFFF5; when their output triggers are different, the NDRA address for group 0 is H'5FFFFF7 and the address for group 1 is H'5FFFFF5. Likewise, when TPC output groups 2 and 3 have the same output trigger, the NDRB address is H'5FFFFF4; when their output triggers are different, the NDRB address for group 0 is H'5FFFFF6 and the address for group 1 is H'5FFFFF4. 11.2 Register Descriptions 11.2.1 Port B Control Registers 1 and 2 (PBCR1, PCBR2) The port B control register 1 and 2 (PBCR1 and PBCR2) are 16-bit read/write registers that set the functions of port B pins. Port B consists of the dual use pins TP15–TP0. Bits corresponding to the pins to be used for TPC output must be set to 1. For details, see the port B description in the section 15, Pin Function Controller. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |