Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 324 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 324 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 320Page - Renesas Technology Corp SH7021 Datasheet HTML 321Page - Renesas Technology Corp SH7021 Datasheet HTML 322Page - Renesas Technology Corp SH7021 Datasheet HTML 323Page - Renesas Technology Corp SH7021 Datasheet HTML 324Page - Renesas Technology Corp SH7021 Datasheet HTML 325Page - Renesas Technology Corp SH7021 Datasheet HTML 326Page - Renesas Technology Corp SH7021 Datasheet HTML 327Page - Renesas Technology Corp SH7021 Datasheet HTML 328Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 509 page
background image
308 RENESAS
Bit:
7
6
5
4
3
2
1
0
Bit name:
PB7DR
PB6DR
PB5DR
PB4DR
PB3DR
PB2DR
PB1DR
PB0DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
Note:
Bits set to TPC output by NDERA or NDERB are read-only.
11.2.3
Next Data Register A (NDRA)
NDRA is an eight-bit read/write register that stores the next output data for TPC output groups 1
and 0 (TP7–TP0). When used for TPC output, the contents of the NDRA are transferred to the
corresponding PBDR bits when the ITU compare match specified in the TPC output control
register TPCR occurs.
The address of the NDRA differs depending on whether TPCR settings select the same trigger or
different triggers for TPC output groups 1 and 0. When reset, NDRA is initialized to H'00. It is not
initialized by standby mode.
Same Trigger for TPC Output Groups 1 and 0: If TPC output groups 1 and 0 are triggered by
the same compare match, the address of the NDRA is H'FFFFF5. The 4 upper bits becomes group
1 and the 4 lower bits become group 0. Address H'5FFFFF7 in such cases consists entirely of
reserved bits. These bits cannot be modified and always read as 1.
Address H'5FFFFF5:
•
Bits 7–4 (next data 7–4 (NDR7–NDR4)): NDR7-NDR4 store the next output data for TPC
output group 1.
•
Bits 3–0 (next data 3–0 (NDR3–NDR0)): NDR3-NDR0 store the next output data for TPC
output group 0.
Bit:
7
6
5
4
3
2
1
0
Bit name:
NDR7
NDR6
NDR5
NDR4
NDR3
NDR2
NDR1
NDR0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com