Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 323Page - Renesas Technology Corp SH7021 Datasheet HTML 324Page - Renesas Technology Corp SH7021 Datasheet HTML 325Page - Renesas Technology Corp SH7021 Datasheet HTML 326Page - Renesas Technology Corp SH7021 Datasheet HTML 327Page - Renesas Technology Corp SH7021 Datasheet HTML 328Page - Renesas Technology Corp SH7021 Datasheet HTML 329Page - Renesas Technology Corp SH7021 Datasheet HTML 330Page - Renesas Technology Corp SH7021 Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 509 page
background image
RENESAS 311
Different Triggers for TPC Output Groups 3 and 2: If TPC output groups 3 and 2 are triggered
by different compare matches, the address of the upper 4 bits of NDRB (group 3) is H'5FFFFF4
and the address of the lower 4 bits of NDRB (group 2) is H'5FFFFF6. Bits 3-0 of address
H'5FFFFF4 and bits 7–4 of address H'5FFFFF6 are reserved bits. These bits always read as 1. The
write value should always be 1.
Address H'5FFFFF4:
•
Bits 7–4 (next data 15–12 (NDR15–NDR12)): NDR15–NDR12 store next output data for TPC
output group 3.
•
Bits 3–0 (reserved): These bits always read as 1. The write value should always be 1.
Bit:
7
6
5
4
3
2
1
0
Bit name:
NDR15
NDR14
NDR13
NDR12
—
—
—
—
Initial value:
0
0
0
0
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
—
—
—
—
Address H'5FFFFF6:
•
Bits 7–4 (reserved): These bits always read as 1. The write value should always be 1.
•
Bits 3–0 (next data 11–8 (NDR11–NDR8)): NDR11–NDR8 store next output data for TPC
output group 2.
Bit:
7
6
5
4
3
2
1
0
Bit name:
—
—
—
—
NDR11
NDR10
NDR9
NDR8
Initial value:
1
1
1
1
0
0
0
0
R/W:
—
—
—
—
R/W
R/W
R/W
R/W
11.2.5
Next Data Enable Register A (NDERA)
NDERA is an eight-bit read/write register that enables TPC output groups 1 and 0 (TP7–TP0) on a
bit-by-bit basis.
When the bits enabled for TPC output by NDERA generate the ITU compare match selected in the
TPC output control register, the value of the next data register A (NDRA) is automatically
transferred to the corresponding PBDR bits and the output value is updated. For disabled bits,
there is no transfer and the output value does not change. When reset, NDERA is initialized to
H'00. It is not initialized by standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com