Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 328 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 328 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 324Page - Renesas Technology Corp SH7021 Datasheet HTML 325Page - Renesas Technology Corp SH7021 Datasheet HTML 326Page - Renesas Technology Corp SH7021 Datasheet HTML 327Page - Renesas Technology Corp SH7021 Datasheet HTML 328Page - Renesas Technology Corp SH7021 Datasheet HTML 329Page - Renesas Technology Corp SH7021 Datasheet HTML 330Page - Renesas Technology Corp SH7021 Datasheet HTML 331Page - Renesas Technology Corp SH7021 Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 509 page
background image
312 RENESAS
Bit:
7
6
5
4
3
2
1
0
Bit name:
NDER7
NDER6
NDER5
NDER4
NDER3
NDER2
NDER1
NDER0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
•
Bits 7–0 (next data enable 7–0 (NDER7–NDER0)): NDER7–NDER0 select enable/disable for
TPC output groups 1 and 0 (TP7–TP0) in bit units.
Bit 7–0: NDER7–NDER0 Description
0
Disables TPC outputs TP7–TP0 (transfer from NDR7–NDR0 to PB7–
PB0 is disabled) (initial value)
1
Enables TPC outputs TP7–TP0 (transfer from NDR7–NDR0 to PB7–
PB0 is enabled)
11.2.6
Next Data Enable Register B (NDERB)
NDERB is an eight-bit read/write register that enables TPC output groups 3 and 2 (TP15–TP8) on
a bit-by-bit basis.
When the bits enabled for TPC output by NDERB generate the ITU compare match selected in the
TPC output control register, the value of the next data register B (NDRB) is automatically
transferred to the corresponding PBDR bits and the output value is updated. For disabled bits,
there is no transfer and the output value does not change. When reset, NDERB is initialized to
H'00. It is not initialized by standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name: NDER15 NDER14 NDER13 NDER12 NDER11 NDER10 NDER9
NDER8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
•
Bits 7–0 (next data enable 15–8 (NDER15–NDER8)): NDER15–NDER8 select enable/disable
for TPC output groups 3 and 2 (TP15–TP8) in bit units.
Bit 7–0:
NDER15–NDER8
Description
0
Disables TPC outputs TP15–TP8 (transfer from NDR15–NDR8 to
PB15–PB8 is disabled) (initial value)
1
Enables TPC outputs TP15–TP8 (transfer from NDR15–NDR8 to
PB15–PB8 is enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com