Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 326Page - Renesas Technology Corp SH7021 Datasheet HTML 327Page - Renesas Technology Corp SH7021 Datasheet HTML 328Page - Renesas Technology Corp SH7021 Datasheet HTML 329Page - Renesas Technology Corp SH7021 Datasheet HTML 330Page - Renesas Technology Corp SH7021 Datasheet HTML 331Page - Renesas Technology Corp SH7021 Datasheet HTML 332Page - Renesas Technology Corp SH7021 Datasheet HTML 333Page - Renesas Technology Corp SH7021 Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 509 page
background image
314 RENESAS
Bits 3 and 2 (group 1 compare-match select 1 and 0 (G1CMS1 and G1CMS0)): G1CMS1 and
G1CMS0 select the ITU channel that triggers TPC output group 1 (TP7–TP4).
Bit 3: G1CMS1
Bit 2: G1CMS0
Description
0
0
TPC output group 1 (TP7–TP4) output is triggered by
compare-match in ITU channel 0
1
TPC output group 1 (TP7–TP4) output is triggered by
compare-match in ITU channel 1
1
0
TPC output group 1 (TP7–TP4) output is triggered by
compare-match in ITU channel 2
1
TPC output group 1 (TP7–TP4) output is triggered by
compare-match in ITU channel 3 (initial value)
•
Bits 1 and 0 (group 0 compare-match select 1 and 0 (G0CMS1 and G0CMS0)): G0CMS1 and
G0CMS0 select the ITU channel that triggers TPC output group 0 (TP3–TP0).
Bit 1: G0CMS1
Bit 0: G0CMS0
Description
0
0
TPC output group 0 (TP3–TP0) output is triggered by
compare-match in ITU channel 0
1
TPC output group 0 (TP3–TP0) output is triggered by
compare-match in ITU channel 1
1
0
TPC output group 0 (TP3–TP0) output is triggered by
compare-match in ITU channel 2
1
TPC output group 0 (TP3–TP0) output is triggered by
compare-match in ITU channel 3 (initial value)
11.2.8
TPC Output Mode Register (TPMR)
TPMR is an eight-bit read/write register that selects between the TPC's ordinary output and non-
overlap output modes in group units. During non-overlap operation, the output waveform cycle is
set in ITU general register B (GRB) for use as the output trigger and a non-overlap period is set in
general register A (GRA). The output value then changes on compare matches A and B. For
details, see section 11.3.4, TPC Output Non-Overlap Operation. TPMR is initialized to H'F0 on a
reset. It is not initialized in standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
—
—
—
—
G3NOV
G2NOV
G1NOV G0NOV
Initial value:
1
1
1
1
0
0
0
0
R/W:
—
—
—
—
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com