Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 331 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 327Page - Renesas Technology Corp SH7021 Datasheet HTML 328Page - Renesas Technology Corp SH7021 Datasheet HTML 329Page - Renesas Technology Corp SH7021 Datasheet HTML 330Page - Renesas Technology Corp SH7021 Datasheet HTML 331Page - Renesas Technology Corp SH7021 Datasheet HTML 332Page - Renesas Technology Corp SH7021 Datasheet HTML 333Page - Renesas Technology Corp SH7021 Datasheet HTML 334Page - Renesas Technology Corp SH7021 Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 509 page
background image
RENESAS 315
Bits 7–4 (reserved): These bits always read as 1. The write value should always be 1.
•
Bit 3 (group 3 non-overlap mode (G3NOV)): G3NOV selects the ordinary or non-overlap
mode for TPC output group 3 (TP15–TP12).
Bit 3: G3NOV
Description
0
TPC output group 3 operates normally (output value updated according
to compare-match A of the ITU channel selected by TPCR) (initial
value)
1
TPC output group 3 operates in non-overlap mode (1 output and 0
output can be performed independently according to compare-match A
and B of the ITU channel selected by TPCR)
•
Bit 2 (group 2 non-overlap mode (G2NOV)): G2NOV selects the ordinary or non-overlap
mode for TPC output group 2 (TP11–TP8).
Bit 2: G2NOV
Description
0
TPC output group 2 operates normally (output value updated according
to compare-match A of the ITU channel selected by TPCR) (initial
value)
1
TPC output group 2 operates in non-overlap mode (1 output and 0
output can be performed independently according to compare-match A
and B of the ITU channel selected by TPCR)
•
Bit 1 (group 1 non-overlap mode (G1NOV)): G1NOV selects the ordinary or non-overlap
mode for TPC output group 1 (TP7–TP4).
Bit 1: G1NOV
Description
0
TPC output group 1 operates normally (output value updated according
to compare-match A of the ITU channel selected by TPCR) (initial
value)
1
TPC output group 1 operates in non-overlap mode (1 output and 0
output can be performed independently according to compare-match A
and B of the ITU channel selected by TPCR)
•
Bit 0 (group 0 non-overlap mode (G0NOV)): G0NOV selects the ordinary or non-overlap
mode for TPC output group 0 (TP3–TP0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com