Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 328Page - Renesas Technology Corp SH7021 Datasheet HTML 329Page - Renesas Technology Corp SH7021 Datasheet HTML 330Page - Renesas Technology Corp SH7021 Datasheet HTML 331Page - Renesas Technology Corp SH7021 Datasheet HTML 332Page - Renesas Technology Corp SH7021 Datasheet HTML 333Page - Renesas Technology Corp SH7021 Datasheet HTML 334Page - Renesas Technology Corp SH7021 Datasheet HTML 335Page - Renesas Technology Corp SH7021 Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 509 page
background image
316 RENESAS
Bit 0: G0NOV
Description
0
TPC output group 0 operates normally (output value updated according
to compare-match A of the ITU channel selected by TPCR) (initial
value)
1
TPC output group 0 operates in non-overlap mode (1 output and 0
output can be performed independently according to compare-match A
and B of the ITU channel selected by TPCR)
11.3
Operation
11.3.1
Overview
When corresponding bits in the PBCR1, PBCR2, NDERA and NDERB registers are set to 1, TPC
output is enabled and the PBDR data register values are output. After that, when the compare-
match event selected by TPCR occurs, the next data register contents (NDRA and NDRB) are
transferred to the PBDR and output values are updated. Figure 11.2 illustrates the TPC output
operation.
CR
Q
NDER
Q
TPC
output pin
Port function
select
DR
Q
C
D
NDR
QD
Internal
data bus
Output trigger
signal
Figure 11.2 TPC Output Operation
If new data is written in next data registers A and B before the next compare-match occurs, a
maximum 16 bits of data can be output at each successive compare-match. See section 11.3.4,
TPC Output Non-Overlap Operation, for details on non-overlap operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com