Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 326 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 326 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 322Page - Renesas Technology Corp SH7021 Datasheet HTML 323Page - Renesas Technology Corp SH7021 Datasheet HTML 324Page - Renesas Technology Corp SH7021 Datasheet HTML 325Page - Renesas Technology Corp SH7021 Datasheet HTML 326Page - Renesas Technology Corp SH7021 Datasheet HTML 327Page - Renesas Technology Corp SH7021 Datasheet HTML 328Page - Renesas Technology Corp SH7021 Datasheet HTML 329Page - Renesas Technology Corp SH7021 Datasheet HTML 330Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 509 page
background image
310 RENESAS
11.2.4
Next Data Register B (NDRB)
NDRB is an eight-bit read/write register that stores the next output data for TPC output groups 3
and 2 (TP15–TP8). When used for TPC output, the contents of the NDRB are transferred to the
corresponding PBDR bits when the ITU compare match specified in the TPC output control
register TPCR occurs.
The address of the NDRB differs depending on whether TPCR settings select the same trigger or
different triggers for TPC output groups 3 and 2. When reset, NDRB is initialized to H'00. It is not
initialized by standby mode.
Same Trigger for TPC Output Groups 3 and 2: If TPC output groups 3 and 2 are triggered by the
same compare match, the address of the NDRB is H'FFFFF4. The 4 upper bits becomes group 3
and the 4 lower bits become group 2. Address H'5FFFFF6 becomes completely reserved bits.
These bits always read as 1, and the write value should always be 1.
Address H'5FFFFF4:
•
Bits 7–4 (next data 15–12 (NDR15–NDR12)): NDR15–NDR12 store next output data for TPC
output group 3.
•
Bits 3–0 (next data 11–8 (NDR11–NDR8)): NDR11–NDR8 store next output data for TPC
output group 2.
Bit:
7
6
5
4
3
2
1
0
Bit name:
NDR15
NDR14
NDR13
NDR12
NDR11
NDR10
NDR9
NDR8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address H'5FFFFF6:
•
Bits 7–0 (reserved): These bits always read as 1. The write value should always be 1.
Bit:
7
6
5
4
3
2
1
0
Bit name:
—
—
—
—
—
—
—
—
Initial value:
1
1
1
1
1
1
1
1
R/W:
—
—
—
—
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com