Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 325 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 325 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 321Page - Renesas Technology Corp SH7021 Datasheet HTML 322Page - Renesas Technology Corp SH7021 Datasheet HTML 323Page - Renesas Technology Corp SH7021 Datasheet HTML 324Page - Renesas Technology Corp SH7021 Datasheet HTML 325Page - Renesas Technology Corp SH7021 Datasheet HTML 326Page - Renesas Technology Corp SH7021 Datasheet HTML 327Page - Renesas Technology Corp SH7021 Datasheet HTML 328Page - Renesas Technology Corp SH7021 Datasheet HTML 329Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 509 page
background image
RENESAS 309
Address H'5FFFFF7:
•
Bits 7–0 (reserved): These bits always read as 1. The write value should always be 1.
Bit:
7
6
5
4
3
2
1
0
Bit name:
—
—
—
—
—
—
—
—
Initial value:
1
1
1
1
1
1
1
1
R/W:
—
—
—
—
—
—
—
—
Different Triggers for TPC Output Groups 1 and 0: If TPC output groups 1 and 0 are triggered by
different compare matches, the address of the upper 4 bits of NDRA (group 1) is H'5FFFFF5 and
the address of the lower 4 bits of NDRA (group 0) is H'5FFFFF7. Bits 3–0 of address H'5FFFFF5
and bits 7–4 of address H'5FFFFF7 are reserved bits. The write value should always be 1. These
bits always read as 1.
Address H'5FFFFF5:
•
Bits 7–4 (next data 7–4 (NDR7–NDR4)): NDR7–NDR4 store the next output data for TPC
output group 1.
•
Bits 3–0 (reserved): These bits always read as 1. The write value should always be 1.
Bit:
7
6
5
4
3
2
1
0
Bit name:
NDR7
NDR6
NDR5
NDR4
—
—
—
—
Initial value:
0
0
0
0
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
—
—
—
—
Address H'5FFFFF7:
•
Bits 7–4 (reserved): These bits always read as 1. The write value should always be 1.
•
Bits 3–0 (next data 3–0 (NDR3–NDR0)): NDR3-NDR0 store the next output data for TPC
output group 0.
Bit:
7
6
5
4
3
2
1
0
Bit name:
—
—
—
—
NDR3
NDR2
NDR1
NDR0
Initial value:
1
1
1
1
0
0
0
0
R/W:
—
—
—
—
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com