Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 170Page - Renesas Technology Corp 4501 Datasheet HTML 171Page - Renesas Technology Corp 4501 Datasheet HTML 172Page - Renesas Technology Corp 4501 Datasheet HTML 173Page - Renesas Technology Corp 4501 Datasheet HTML 174Page - Renesas Technology Corp 4501 Datasheet HTML 175Page - Renesas Technology Corp 4501 Datasheet HTML 176Page - Renesas Technology Corp 4501 Datasheet HTML 177Page - Renesas Technology Corp 4501 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 212 page
background image
3.1 Electrical characteristics
3-5
4501 Group
APPENDIX
Rev.2.01
Feb 07, 2005
REJ09B0192-0201
VOL
VOL
VOL
VOL
IIH
IIH
IIL
IIL
IDD
RPU
VT+ – VT–
VT+ – VT–
f(RING)
“L” level output voltage P0, P1
“L” level output voltage P2, RESET
“L” level output voltage D0, D1
“L” level output voltage D2/C, D3/K
“H” level input current
P0, P1, P2, D2/C, D3/K, RESET
“H” level input current D0, D1
“L” level input current P0, P1, P2
“L” level input current
D0, D1, D2/C, D3/K
Supply current
Pull-up resistor value
P0, P1, P2, D2/C, D3/K, RESET
Hysteresis INT, CNTR
Hysteresis RESET
On-chip oscillator clock frequency (Note 3)
at active mode
(Notes 1, 2)
at RAM back-up mode
(POF instruction execution)
at RAM back-up mode
(POF2 instruction execution)
V
V
V
V
µA
µA
µA
µA
mA
µA
µA
k
Ω
V
V
MHz
Test conditions
VDD = 5.0 V
VDD = 5.0 V
VDD = 5.0 V
VDD = 5.0 V
VI = VDD
VI = 12 V
VI = 0 V P0, P1, P2 No pull-up
VI = 0 V, D2/C, D3/K, No pull-up
VDD = 5.0 V
f(XIN) = 4.0 MHz
VDD = 5.0 V
Ta = 25 °C
VDD = 5.0 V
VDD = 3.0 V
VI = 0 V, VDD = 5.0 V
VDD = 5.0 V
VDD = 5.0 V
VDD = 5.0 V
Limits
Max.
2.0
0.9
2.0
0.6
2.0
0.9
2.0
0.9
1.0
1.0
5.0
3.9
3.3
3.0
100
1.0
10
6.0
150
3.0
IOL = 12 mA
IOL = 4.0 mA
IOL = 5.0 mA
IOL = 1.0 mA
IOL = 30 mA
IOL = 10 mA
IOL = 15 mA
IOL = 5.0 mA
Min.
–1.0
–1.0
30
1.0
Typ.
1.7
1.3
1.1
1.0
50
0.1
60
0.25
1.2
2.0
High-speed mode
Middle-speed mode
Low-speed mode
Default mode
Symbol
Parameter
Unit
Notes 1: The operation current of the voltage drop detection circuit is included.
2: When the A/D converter is used, the A/D operation current (IADD) is included.
3: When system operates by the on-chip oscillator, the system clock frequency is the on-chip oscillator clock divided by the dividing ratio selected with
register MR.
3.1.3 Electrical characteristics
Table 3.1.4 Electrical characteristics (Ta = –20 °C to 85 °C, VDD = 2.7 to 5.5 V, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com