Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 171Page - Renesas Technology Corp 4501 Datasheet HTML 172Page - Renesas Technology Corp 4501 Datasheet HTML 173Page - Renesas Technology Corp 4501 Datasheet HTML 174Page - Renesas Technology Corp 4501 Datasheet HTML 175Page - Renesas Technology Corp 4501 Datasheet HTML 176Page - Renesas Technology Corp 4501 Datasheet HTML 177Page - Renesas Technology Corp 4501 Datasheet HTML 178Page - Renesas Technology Corp 4501 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 212 page
background image
3.1 Electrical characteristics
3-6
Rev.2.01
Feb 07, 2005
4501 Group
APPENDIX
REJ09B0192-0201
Symbol
VDD
VIA
f(XIN)
Parameter
Supply voltage
Analog input voltage
Oscillation frequency
Table 3.1.6 A/D converter characteristics
(Comparator mode included, Ta = –20 °C to 85 °C, unless otherwise noted)
Conditions
Unit
V
V
V
MHz
MHz
MHz
MHz
Ta = 25 °C
Ta = –20 °C to 85 °C
VDD = 2.7 to 5.5 V
High-speed mode
Middle-speed mode
Low-speed mode
Default mode
Min.
2.7 (Note)
3.0
0
0.1
0.2
0.4
0.8
Typ.
Max.
5.5
5.5
VDD+2LSB
Limits
Symbol
–
–
–
V0T
VFST
IADD
TCONV
–
–
–
Parameter
Resolution
Linearity error
Differential non-linearity error
Zero transition voltage
Full-scale transition voltage
A/D operating current (Note 1)
A/D conversion time
Comparator resolution
Comparator error (Note 2)
Comparator comparison time
Test conditions
bits
LSB
LSB
mV
mV
mA
µs
bits
mV
µs
Ta = 25 °C, VDD = 2.7 to 5.5 V
Ta = –25 °C to 85 °C, VDD = 3.0 V to 5.5 V
Ta = 25 °C, VDD = 2.7 to 5.5 V
Ta = –25 °C to 85 °C, VDD = 3.0 V to 5.5 V
VDD = 5.12 V
VDD = 5.12 V
VDD = 5.0 V
f(XIN) = 0.4 MHz to 4.0 MHz
f(XIN) = 4.0 MHz
High-speed mode
Middle-speed mode
Low-speed mode
Default mode
Comparator mode
VDD = 5.12 V
f(XIN) = 4.0 MHz
High-speed mode
Middle-speed mode
Low-speed mode
Default mode
Min.
10
5115
Typ.
20
5125
0.3
Max.
10
±2.0
±0.9
30
5135
0.9
46.5
93.0
186
372
8
±20
6.0
12
24
48
Limits
Notes 1: When the A/D converter is used, the IADD is included to IDD.
2: As for the error from the logic value in the comparator mode, when the contents of the comparator register is n, the logic value of the comparison
voltage Vref which is generated by the built-in DA converter can be obtained by the following formula.
Logic value of comparison voltage Vref
Vref =
✕ n
n = Value of register AD (n = 0 to 255)
VDD
256
Unit
Note: System is in the reset state when the value is the detection voltage of the voltage drop detection circuit or less.
3.1.4 A/D converter recommended operating conditions
Table 3.1.5 A/D converter recommended operating conditions
(Comparator mode included, Ta = –20 °C to 85 °C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com