Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 174Page - Renesas Technology Corp 4501 Datasheet HTML 175Page - Renesas Technology Corp 4501 Datasheet HTML 176Page - Renesas Technology Corp 4501 Datasheet HTML 177Page - Renesas Technology Corp 4501 Datasheet HTML 178Page - Renesas Technology Corp 4501 Datasheet HTML 179Page - Renesas Technology Corp 4501 Datasheet HTML 180Page - Renesas Technology Corp 4501 Datasheet HTML 181Page - Renesas Technology Corp 4501 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 212 page
background image
3.2 Typical characteristics
3-9
4501 Group
APPENDIX
Rev.2.01
Feb 07, 2005
REJ09B0192-0201
VDD [V]
VDD [V]
(3)
VDD–IDD characteristics (Ta = 25 °C, f(XIN) = 1 MHz, at ceramic resonance)
High-speed mode
Middle-speed mode
Low-speed mode
Default mode
(4)
VDD–IDD characteristics (Ta = 25 °C, f(XIN) = 400 kHz, at ceramic resonance)
0.0
0.5
1.0
1.5
2.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.0
0.5
1.0
1.5
2.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
High-speed mode
Middle-speed mode
Low-speed mode
Default mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com