Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 172Page - Renesas Technology Corp 4501 Datasheet HTML 173Page - Renesas Technology Corp 4501 Datasheet HTML 174Page - Renesas Technology Corp 4501 Datasheet HTML 175Page - Renesas Technology Corp 4501 Datasheet HTML 176Page - Renesas Technology Corp 4501 Datasheet HTML 177Page - Renesas Technology Corp 4501 Datasheet HTML 178Page - Renesas Technology Corp 4501 Datasheet HTML 179Page - Renesas Technology Corp 4501 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 212 page
background image
3.1 Electrical characteristics
3-7
4501 Group
APPENDIX
Rev.2.01
Feb 07, 2005
REJ09B0192-0201
Test conditions
Ta = 25 °C
RAM back-up mode
VDD = 5.0 V
(POF instruction execution) (Note 2)
Parameter
Detection voltage (Note 1)
Operation current of voltage
drop detection circuit
Symbol
VRST
IRST
Limits
Unit
Min.
2.7
3.3
Typ.
3.5
50
Max.
4.2
3.7
100
V
µA
Notes 1: The detected voltage (VRST) is defined as the voltage when reset occurs while the supply voltage (VDD) is falling.
2: The voltage drop detection circuit is operating in the RAM back-up with the POF instruction (It stops in the RAM back-up with the POF2 instruction).
XIN : high-speed mode
(System clock = f(XIN))
Parameter
Pin name
Machine cycle
MiMi+1
D0, D1, D2/C, D3/K
P00–P03
P10–P13
P00–P03
P10–P13
P20, P21
XIN : middle-speed mode
(System clock = f(XIN)/2)
P20, P21
Clock
Port D output
Port D input
Port P0, P1, P2
output
Port P0, P1, P2
input
CNTR
Timer output
XIN : low-speed mode
(System clock = f(XIN)/4)
XIN : default mode
(System clock = f(XIN)/8)
D0, D1, D2/C, D3/K
INT
Interrupt input
CNTR
Timer input
3.1.6 Basic timing diagram
3.1.5 Voltage drop detection circuit characteristics
Table 3.1.7 Voltage drop detection circuit characteristics
(Ta = –20 °C to 85 °C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com