Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 129Page - Renesas Technology Corp 7477 Datasheet HTML 130Page - Renesas Technology Corp 7477 Datasheet HTML 131Page - Renesas Technology Corp 7477 Datasheet HTML 132Page - Renesas Technology Corp 7477 Datasheet HTML 133Page - Renesas Technology Corp 7477 Datasheet HTML 134Page - Renesas Technology Corp 7477 Datasheet HTML 135Page - Renesas Technology Corp 7477 Datasheet HTML 136Page - Renesas Technology Corp 7477 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-126
HARDWARE
1.13 Serial I/O
[UART receive setting method]
1 Clear the Serial I/O receive interrupt enable bit (bit 5 of Interrupt control register 1) to “0.”
2 When selecting the internal clock, set the BRG value.
3 Set the Serial I/O control register according to Table 1.13B.7.
4 Set the data format according to Table 1.13B.6.
5 When using a Serial I/O receive interrupt
[1] Clear the Serial I/O receive interrupt request bit (bit 5 of Interrupt request register 1) to “0.”
Note: When the ordinary port is switched over to the Serial I/O port, the Serial I/O receive
interrupt request may be set to “1.” Clear the Serial I/O receive interrupt request bit
to “0” after one instruction or more after switching the ordinary port over to the Serial
I/O port.
[2] Set the Serial I/O receive interrupt enable bit to “1.”
6 In the full-duplex data communication, set transmit data in the Transmit buffer register (TB).
Table 1.13B.7 UART receive setting
Register to be used
Item
BRG count source selection
Synchronous clock selection
SRDY
signal output selection
Transmit interrupt request selection
Transmit enable selection
Receive enable selection
Clock asynchronous selection
Serial I/O enable selection
f (XIN)/4 or f(XCIN)/4
f (XIN)/16 or f(XCIN)/16
BRG output divided by 16
External clock input divided by 16
Transmit buffer empty
When the transmit shift operation is completed
Disable (Half-duplex data communication)
Enable (Full-duplex data communication)
Receive enable
Clock asynchronous
P14 to P17 function as serial I/O pins (Note 2)
Serial I/O control register
(SIOCON: Address 00E216)
bit
b0
b1
b2
b3
b4
b5
b6
b7
setting value
0
1
0
1
(Note 1)
0
1
0
1
1
0
1
Notes 1: When the UART is selected, this bit does not function.
2: When the internal clock is selected, the P16/SCLK pin can be used as port P16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com