Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 133Page - Renesas Technology Corp 7477 Datasheet HTML 134Page - Renesas Technology Corp 7477 Datasheet HTML 135Page - Renesas Technology Corp 7477 Datasheet HTML 136Page - Renesas Technology Corp 7477 Datasheet HTML 137Page - Renesas Technology Corp 7477 Datasheet HTML 138Page - Renesas Technology Corp 7477 Datasheet HTML 139Page - Renesas Technology Corp 7477 Datasheet HTML 140Page - Renesas Technology Corp 7477 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-130
HARDWARE
1.13 Serial I/O
(8) Processing upon occurrence of errors
2 When a parity error, a framing error or a summing error occurs
When a parity error, a framing error or a summing error occurs, the flag corresponding to each
error in the Serial I/O status register is set to “1.” These flags are not cleared to “0” automatically.
Clear them to “0” by software.
The parity error flag, the framing error flag and the summing error flag can be cleared to “0” by
one of the following two methods.
q Clear the receive enable bit to “0.”
q Write arbitrary dummy data into the Serial I/O status register.
2 Processing upon occurrence of overrun error
An overrun error occurs when data has all been input to the Receive shift register while data is
stored in the Receive buffer register.
When an overrun error occurs, the data of the Receive shift register is not transferred to the
Receive buffer register and the data of the Receive buffer register is held. At this time, even if
the data of the Receive buffer register is read out, the data of the Receive shift register is not
transferred. Accordingly, the data of the Receive buffer register can be read out but the data of
the Receive shift register cannot be read out and becomes invalid.
When an overrun error occurs, clear the overrun error flag of the Serial I/O status register to “0”
and then make preparations for receiving data again.
The overrun error flag can be cleared by one of the following methods.
q Clear the serial I/O enable bit to “0.”
q Clear the receive enable bit to “0.”
q Write arbitrary dummy data into the Serial I/O status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com