Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 134Page - Renesas Technology Corp 7477 Datasheet HTML 135Page - Renesas Technology Corp 7477 Datasheet HTML 136Page - Renesas Technology Corp 7477 Datasheet HTML 137Page - Renesas Technology Corp 7477 Datasheet HTML 138Page - Renesas Technology Corp 7477 Datasheet HTML 139Page - Renesas Technology Corp 7477 Datasheet HTML 140Page - Renesas Technology Corp 7477 Datasheet HTML 141Page - Renesas Technology Corp 7477 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 361 page
background image
1-131
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.13 Serial I/O
1.13B.4 Related registers
(1) Transmit/receive buffer register (TB/RB: Address 00E0 16)
The Transmit/receive buffer register is written serial I/O (used in common with the clock synchronous
serial I/O and the UART) transmit data and is read out serial I/O receive data.
q To transmit data, write this transmit data into this register.
q Receive data can be obtained by reading this register.
Figure 1.13B.13 shows a structure of the Transmit/receive buffer register.
Fig. 1.13B.13 Structure of Transmit/receive buffer register
b7 b6 b5 b4 b3 b2 b1 b0
Transmit/receive buffer register (TB/RB) [Address
B
Function
At reset R W
Transmit/receive buffer register (7477/7478 group)
0
to
7
?
A value of “0016” to “FF16” can be
set as transmit data.
The transmit data is transferred
automatically by writing the transmit
data into the Transmit shift register.
When all receive data has been input
into the Receive shift register, the
receive data is automatically trans-
ferred to the receive buffer register.
At transmit:
At receive:
00E016]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com