Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 165Page - Renesas Technology Corp 7477 Datasheet HTML 166Page - Renesas Technology Corp 7477 Datasheet HTML 167Page - Renesas Technology Corp 7477 Datasheet HTML 168Page - Renesas Technology Corp 7477 Datasheet HTML 169Page - Renesas Technology Corp 7477 Datasheet HTML 170Page - Renesas Technology Corp 7477 Datasheet HTML 171Page - Renesas Technology Corp 7477 Datasheet HTML 172Page - Renesas Technology Corp 7477 Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-162
HARDWARE
1.17 Low-power dissipation function
1.17.1 Stop mode
To switch to the stop mode, execute the STP instruction. In the stop mode, the oscillation of both f(XIN)
and f(XCIN) stops and the internal clock
φ stops.
Accordingly, the CPU stops and the peripheral units also stop. This leads to a reduction of power dissipation.
Note: In the 7470/7477 group, the f(XCIN) is not available.
(1) State of stop mode
Table 1.17.1 shows a state of stop mode.
Note: When the STP instruction is executed, “FF16” and “0716” are automatically set in timer 3 and
timer 4, respectively.
Table 1.17.1 State of stop mode
State of stop mode
Stop
Stop
State at execution STP
instruction is held.
When internal count source selected : Stop
When external count source selected : Operate
Internal clock mode: Stop
External clock mode: Operate
Held
Held (except timer3, timer4)
Held
+ CPU register :
The following 6 registers are incorporated in the
CPU.
• Accumulator
• Index register X
• Index register Y
• Stack pointer
• Program counter
• Processor status register
Item
Oscillation
CPU
I/O port
P0 to P5
Timer
Serial I/O
RAM
SFR
CPU register +



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com