Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 162Page - Renesas Technology Corp 7477 Datasheet HTML 163Page - Renesas Technology Corp 7477 Datasheet HTML 164Page - Renesas Technology Corp 7477 Datasheet HTML 165Page - Renesas Technology Corp 7477 Datasheet HTML 166Page - Renesas Technology Corp 7477 Datasheet HTML 167Page - Renesas Technology Corp 7477 Datasheet HTML 168Page - Renesas Technology Corp 7477 Datasheet HTML 169Page - Renesas Technology Corp 7477 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 361 page
background image
1-159
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.16 Oscillation circuit
1.16.5 Notes on use
1. When inputting the external clock to the XIN pin or the XCIN pin, use a pulse signal with a duty ratio
of 50 % as an input signal. At this time, make the XOUT pin and the XCOUT pin open.
Refer to a example of circuit in “Chapter 2 application, 2.7 Oscillation circuit.”
2. When using the sub-clock f(XCIN) in the 7471/7478 group, set f(XCIN) < 50 kHz < f(XIN)/3.
3. In the 7471/7478 group, switch between the ordinary mode and the low-speed mode after the oscillation
of the main clock and the sub-clock becomes stable. For the oscillation stabilizing time, ask the
oscillator maker for information.
4. Use the low-speed mode in one of the following states.
• Fix the XCOUT drive capacity to the high power mode (Set the XCOUT drive capacity selection bit
of the CPU mode register to “1”).
• When fixing the XCOUT drive capacity to the Low-power mode (clear the XCOUT drive capacity
selection bit of the CPU mode register to “0”), lower the value of the resistor Rd
+ in the sub-clock
oscillation circuit to a level at which the oscillation of f(XCIN) does not stop.
+ Resister Rd: Refer to a example of circuit in “Chapter 2 application, 2.7 Oscillation circuit.”
5. When using the sub-clock f(XCIN) in the 7471/7478 group, it takes a long time until the oscillation
becomes stable.
When the ordinary mode is changed to the stop mode while the sub-clock is in the oscillation state and
then the ordinary mode is recovered from the stop mode, the oscillation of the sub-clock is not stabilized
even if the main clock becomes stable and the CPU is restored.
Note: In the 7470/7477 group, the sub-clock f(XCIN) is not available because neither XCIN pin nor XCOUT
pin is provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com