Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 158Page - Renesas Technology Corp 7477 Datasheet HTML 159Page - Renesas Technology Corp 7477 Datasheet HTML 160Page - Renesas Technology Corp 7477 Datasheet HTML 161Page - Renesas Technology Corp 7477 Datasheet HTML 162Page - Renesas Technology Corp 7477 Datasheet HTML 163Page - Renesas Technology Corp 7477 Datasheet HTML 164Page - Renesas Technology Corp 7477 Datasheet HTML 165Page - Renesas Technology Corp 7477 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 361 page
background image
1-155
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.16 Oscillation circuit
1.16.2 Sub-clock oscillation circuit
In the 7471/7478 group, the sub-clock f(XCIN) is available when the P50/XCIN pin and the P51/XCOUT pin
are used as the XCIN pin and the XCOUT pin.
The power supplied to the sub-clock oscillation circuit is given through a voltage reduction regulator to
reduce power dissipation in the sub-clock mode. That is, power is reduced by reducing the voltage applied
to the VCC pin by the voltage reduction regulator. The supply voltage to this oscillation circuit can be set
to one of the 2 stages of high power mode and low power mode in bit 5 of the CPU mode register.
Notes 1: When using the sub-clock, set f(XCIN) < 50 kHz < f(XIN)/3.
2: When using the sub-clock f(XCIN) in the 7471/7478 group, set the P50-P53 pull-up control bit (bit
6) of the P1-P5 pull-up control register to “0” and disconnect the pull-up transistor of the P50/XCIN
pin and P51/XCOUT pin.
3: When using the sub-clock as the internal clock
φ, use it in one of the following states.
q Fix the XCOUT drive capacity to the high power mode (set the XCOUT drive capacity selection
bit of the CPU mode register to “1”).
q When fixing the XCOUT drive capacity to the Low power mode (set the XCOUT drive capacity
selection bit of the CPU mode register to “0”), lower the value of the resistor Rd
+ in the sub-
clock oscillation circuit to a level at which the oscillation of f(XCIN) does not stop.
+ “Resistor Rd”: Refer to the circuit example in “Chapter 2 Application, 2.7 Oscillation circuit.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com