Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 157Page - Renesas Technology Corp 7477 Datasheet HTML 158Page - Renesas Technology Corp 7477 Datasheet HTML 159Page - Renesas Technology Corp 7477 Datasheet HTML 160Page - Renesas Technology Corp 7477 Datasheet HTML 161Page - Renesas Technology Corp 7477 Datasheet HTML 162Page - Renesas Technology Corp 7477 Datasheet HTML 163Page - Renesas Technology Corp 7477 Datasheet HTML 164Page - Renesas Technology Corp 7477 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-154
HARDWARE
1.16 Oscillation circuit
This oscillation circuit can stop and start oscillation.
• XIN-XOUT oscillation circuit ......................... Main clock f(XIN)
• XCIN-XCOUT oscillation circuit .................... Sub-clock f(XCIN)
There are two oscillation circuits (the main clock only in the 7470/7477 group) as shown above. The
clock obtained by dividing a signal input to the clock input pin XIN or XCIN becomes an internal clock
φ+ which is used as a reference for operations.
+: The internal clock
φ varies with the operation modes of the microcomputer.
• Ordinary mode ................ Signal input to the XIN pin divided by 2
• Low-speed mode ............ Signal input to the XCIN pin divided by 2
(2) Oscillation circuit using a ceramic resonator or a crystal oscillator
An oscillation circuit can be formed by connecting a ceramic resonator or a crystal oscillator between
the XIN pin and the XOUT pin and between the XCIN pin and the XCOUT pin.
For a circuit example, refer to “Chapter 2 Application, 2.7 Oscillation Circuit.”
Please ask the oscillator maker for information on circuit constants and then set the value recommended
by the maker.
(3) External clock input circuit
It is also possible to supply a clock to the oscillation circuit from the outside.
As an external clock to be input to the XIN and XCIN pins, use a pulse signal with a duty ratio of 50 %.
At this time, make the XOUT and XCOUT pins open.
For a circuit example, refer to “Chapter 2 Application, 2.7 Oscillation Circuit.”
Note: Because the 7470/7477 group is not provided with the XCIN and XCOUT pins, the sub-clock f(XCIN)
is not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com