Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 154Page - Renesas Technology Corp 7477 Datasheet HTML 155Page - Renesas Technology Corp 7477 Datasheet HTML 156Page - Renesas Technology Corp 7477 Datasheet HTML 157Page - Renesas Technology Corp 7477 Datasheet HTML 158Page - Renesas Technology Corp 7477 Datasheet HTML 159Page - Renesas Technology Corp 7477 Datasheet HTML 160Page - Renesas Technology Corp 7477 Datasheet HTML 161Page - Renesas Technology Corp 7477 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 361 page
background image
1-151
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.15 Reset
1.15.2 Internal status immediately after reset release
Figure 1.15.2 shows an internal register status immediately after reset release.
Fig. 1.15.2 Internal status immediately after reset release
0016
0016
0016
00 0 0
0016
0016
10 0 0
00
0016
0016
00 0
00
00
00 0
0
00 0 0 0
1
00 0 0
00
Contents of address FFFF 16
00 0 0
0
0
Address
00 0 0
00
00 0 0
0
0
0
(1)
Port P0 direction register (P0D)
Contents of address FFFE 16
(2)
Port P1 direction register (P1D)
(4)
Port P4 direction register (P4D)
(5)
Port P0 pull-up control register
(6)
Port P1–P5 pull-up control register
(In the 7470/7477 group, port P1–P4 pull-up control register)
(7)
Edge polarity selection register (EG)
(8)
A-D control register (ADCON)
(13) Timer FF register (TF)
(14) Timer 12 mode register (T12M)
(15) Timer 34 mode register (T34M)
(16) Timer mode register 2 (TM2)
(17) CPU mode register (CPUM)
(18) Interrupt request register 1 (IR1)
(19) Interrupt request register 2 (IR2)
(20) Interrupt control register 1 (IE1)
(21) Interrupt control register 2 (IE2)
(22) Program counter (PC H)
(23) Processor status register (PS)
(3)
Port P2 direction register (P2D)
(The 7477/7478 group is not provided.)
0016
000 0
00 00
0
0
(9)
Serial I/O mode register (SM)
(The 7477/7478 group is not provided.)
(10) Serial I/O status register (SIOSTS)
(The 7470/7471 group is not provided.)
0716
(13) Timer 3 (T3)
(14) Timer 4 (T4)
10
1 1 11
FF16
00
0
0
: The contents are undefined at reset release.
(C116)•••
(C316)•••
(C516)•••
(C916)•••
(D016)•••
(D116)•••
(D416)•••
(D916)•••
(DC16)•••
(E116)•••
(E216)•••
(E316)•••
(F216)•••
(F316)•••
(F716)•••
(F816)•••
(F916)•••
(FA16)•••
(FB16)•••
(FC16)•••
(FD16)•••
(FE16)•••
(FF16)•••
(11) Serial I/O control register (SIOCON)
(The 7470/7471 group is not provided.)
(12) UART control register (UARTCON)
(The 7470/7471 group is not provided.)
(PCL)
Note : The contents of all other registers and RAM are undefined at reset, so set their initial valves.
The bits are different depending on the product. Refer to the structure of each register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com