Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 150Page - Renesas Technology Corp 7477 Datasheet HTML 151Page - Renesas Technology Corp 7477 Datasheet HTML 152Page - Renesas Technology Corp 7477 Datasheet HTML 153Page - Renesas Technology Corp 7477 Datasheet HTML 154Page - Renesas Technology Corp 7477 Datasheet HTML 155Page - Renesas Technology Corp 7477 Datasheet HTML 156Page - Renesas Technology Corp 7477 Datasheet HTML 157Page - Renesas Technology Corp 7477 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 361 page
background image
1-147
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.14 A-D converter
1.14.5 Related registers
(1) A-D conversion register (AD: Address 00DA16)
The A-D conversion register stores A-D conversion results. This register is a read-only type.
Figure 1.14.4 shows a structure of the A-D conversion register.
Fig. 1.14.4 Structure of A-D conversion register
(2) A-D control register (ADCON: Address 00D916)
The A-D control register consists of bits that exerts various types of control over the A-D converter.
Figure 1.14.5 shows a structure of the A-D control register.
b7 b6 b5 b4 b3 b2 b1 b0
A-D conversion register (AD) [Address
B
At reset
R W
A-D conversion register
0
to
7
Function
This is a read-only register to store A-D
conversion results.
!
?
00DA16]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com