Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 149Page - Renesas Technology Corp 7477 Datasheet HTML 150Page - Renesas Technology Corp 7477 Datasheet HTML 151Page - Renesas Technology Corp 7477 Datasheet HTML 152Page - Renesas Technology Corp 7477 Datasheet HTML 153Page - Renesas Technology Corp 7477 Datasheet HTML 154Page - Renesas Technology Corp 7477 Datasheet HTML 155Page - Renesas Technology Corp 7477 Datasheet HTML 156Page - Renesas Technology Corp 7477 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-146
HARDWARE
1.14 A-D converter
Fig. 1.14.3
Definition of A-D conversion precision
Vn: Analog input voltage when output data changes from “n” to “n + 1” (n = 0 – 254).
• 1LSB =
V254 – VO
(V)
→ 1LSB at relative precision
• 1LSB =
VREF
(V)
→ 1LSB at absolute precision
254
256
2
1
LSB
2
3
LSB
VREF
V254
Vn+1
Vn
V1
V0
0
1
n
n+1
254
255
Output data
Full-scale transition error
(VFST)
Analog voltage
Absolute accuracy
Zero transition error (V OT)
Differential non-linearity error
Non-linearity error
Ideal A-D conversion characteristics
between 0 and VREF
Ideal A-D conversion
characteristics between
V0 and V254
1LSB at relative accuracy
1LSB at absolute
accuracy
Actual A-D conversion characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com