Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 151Page - Renesas Technology Corp 7477 Datasheet HTML 152Page - Renesas Technology Corp 7477 Datasheet HTML 153Page - Renesas Technology Corp 7477 Datasheet HTML 154Page - Renesas Technology Corp 7477 Datasheet HTML 155Page - Renesas Technology Corp 7477 Datasheet HTML 156Page - Renesas Technology Corp 7477 Datasheet HTML 157Page - Renesas Technology Corp 7477 Datasheet HTML 158Page - Renesas Technology Corp 7477 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-148
HARDWARE
1.14 A-D converter
Fig. 1.14.5 Structure of A-D control register
Each bit of the A-D control register is described below.
2 Analog input pin selection bit (Bit 2 to 0)
These bits select an analog input pin.
Pins that are not used as analog input pins of P2 function as programmable I/O ports (input ports
in the 7477/7478 group).
2 A-D conversion end bit (Bit 3)
This bit indicates the operation state of the A-D converter.
This bit is cleared to “0” during A-D conversion and set to “1” upon termination of A-D conversion.
A-D conversion is started by clearing this bit to “0.” (At the time when the bit is cleared to “0” during
A-D conversion, A-D conversion is restarted.)
2 VREF connect selection bit (Bit 4) (The 7477/7478 group is not provided with this bit.)
This bit connects the VREF pin to a ladder resistor.
When using the A-D converter, be sure to set this bit to “1.”
When the A-D converter is not used, power consumption can be reduced by clearing this bit to “0.”
b7 b6 b5 b4 b3 b2 b1 b0
A-D control register (ADCON) [Address
B
At reset
R W
A-D control register
0
1
2
3
4
5, 6
0
1
0
00 0
Name
Function
A-D input selection
bits
0 0 0 : P20/IN0
0 : Under conversion
1 : End conversion
0
0
b2 b1 b0
7
0
(Note 1)
A-D conversion end
bit
(Note 2)
VREF connection
selection bit
VThe 7477/7478 group is not
provided with this bit.
This bit is undefined at
reset.
Nothing is allocated for these bits.
These are write disabled bits and are
undefined at reading.
Fix this bit to “0.”
?? !
0 0 1 : P21/IN1
0 1 0 : P22/IN2
0 1 1 : P23/IN3
1 0 0 : P24/IN4
1 0 1 : P25/IN5
1 1 0 : P26/IN6
1 1 1 : P27/IN7
0 : The VREF pin is
separated from the
comparison voltage
generator.
1 : The VREF pin is
connected to
comparison voltage
generator.
Notes 1:
2:
Since the 7470/7477 group is not provided with pins
P24–P27, do not set.
•A-D conversion is started by setting bit 3 to “0.”
•Writing “0” into bit 3 is valid. Even if “1” is written into
bit 3, this bit is not set to “1.” Accordingly, when writing a
value into the A-D control register without affecting bit 3,
set bit 3 to “1.”
00D916]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com