Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 146Page - Renesas Technology Corp 7477 Datasheet HTML 147Page - Renesas Technology Corp 7477 Datasheet HTML 148Page - Renesas Technology Corp 7477 Datasheet HTML 149Page - Renesas Technology Corp 7477 Datasheet HTML 150Page - Renesas Technology Corp 7477 Datasheet HTML 151Page - Renesas Technology Corp 7477 Datasheet HTML 152Page - Renesas Technology Corp 7477 Datasheet HTML 153Page - Renesas Technology Corp 7477 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 361 page
background image
1-143
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.14 A-D converter
Processing after conversion
1 A termination of conversion can be verified by any of the following operations.
q State of A-D conversion end bit.
q State of A-D conversion interrupt request bit.
q Branch to A-D conversion interrupt routine.
2 Read the A-D conversion register to obtain a conversion result.
Notes 1: Be sure to connect VREF to a ladder resistor during A-D conversion (7470/7471 group).
2: A-D conversion is restarted at the time when the A-D conversion end bit (bit 3) of the
A-D control register is cleared to “0” during A-D conversion.
Table 1.14.1 Setting at A-D conversion
Register
1 Port P2 direction register(P2D: Address 00C516)
(7470/7471 group)
2 Port P1-P4 pull-up control register (7470 group)
Port P1-P5 pull-up control register (7471 group)
(Address 00D116)
3 Interrupt request register 1 (IR1: Address 00FC16)
4 Interrupt control register 1 (IE1: Address 00FE16)
5 A-D conversion control register
(ADCON: Address 00D916)
Bit
b0
b7
b2
b3
b7
b7
b2, b1, b0
b3
b4
b7
Value
Clear the bit corresponding to the used ana-
log input pin (one of pins P20/IN0 to P27/
IN7) to “0” (input mode).
Note: In the 7470 group, only pins P20/IN0
to P23/IN3 are available.
0: P20 to P23 are not pulled up.
Note: When one of pins P20/IN0 to P23/IN3
is used as an analog input pin
0: P24 to P27 are not pulled up.
Note: When one of pins P24/IN4 to P27/IN7
is used as an analog input pin
(7471 group)
0: A-D conversion interrupt disabled
1: A-D conversion interrupt enabled
• 000: P20/IN0
• 001: P21/IN1
• 010: P22/IN2
• 011: P23/IN3
• 100: P24/IN4
• 101: P25/IN5
• 110: P26/IN6
• 111: P27/IN7
Set the value corresponding to the used ana-
log input pin.
Note: In the 7470/7477 group, only pins P20/
IN0 to P23/IN3 are available.
0: During conversion (A-D conversion is started.)
1: VREF connection (7470/7471 group)
Fix this bit to “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com