Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 172Page - Renesas Technology Corp 7477 Datasheet HTML 173Page - Renesas Technology Corp 7477 Datasheet HTML 174Page - Renesas Technology Corp 7477 Datasheet HTML 175Page - Renesas Technology Corp 7477 Datasheet HTML 176Page - Renesas Technology Corp 7477 Datasheet HTML 177Page - Renesas Technology Corp 7477 Datasheet HTML 178Page - Renesas Technology Corp 7477 Datasheet HTML 179Page - Renesas Technology Corp 7477 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 361 page
background image
1-169
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.17 Low-power dissipation function
1.17.3 Notes on use
[Notes on use of the stop mode]
2
2
2
2
2 Clock after recovery
After recovery from the stop mode by interrupt, the contents of the CPU mode register before
execution of the STP instruction are held. Accordingly, if both f(XIN) and f(XCIN) were oscillating
before execution of the STP instruction, the oscillation of both f(XIN) and f(XCIN) is restarted after
recovery by interrupt.
In the above case, if f(XIN) is set as the system clock, the oscillation stabilizing wait time for 32768
counts of the XIN pin input signal is secured at recovery from the stop mode.
Note that the f(XCIN) clock may not be stabilized even after the lapse of the f(XIN) oscillation
stabilizing wait time.
Note: In the 7470/7477 group, the f(XCIN) is not available.
2
2
2
2
2 Interrupt processing after recovery
After recovery from the stop mode, the interrupt request bit of timer 3 and timer 4 is “1.” Clear
it to “0” if necessary. The interrupt request bit of timer 1 and timer 2 may also be set to “1.” Clear
it to “0” as required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com